Electronic Components Datasheet Search
  English  ▼

X  

AN3985 Datasheet(PDF) 56 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 52Page - STMicroelectronics AN3985 Datasheet HTML 53Page - STMicroelectronics AN3985 Datasheet HTML 54Page - STMicroelectronics AN3985 Datasheet HTML 55Page - STMicroelectronics AN3985 Datasheet HTML 56Page - STMicroelectronics AN3985 Datasheet HTML 57Page - STMicroelectronics AN3985 Datasheet HTML 58Page - STMicroelectronics AN3985 Datasheet HTML 59Page - STMicroelectronics AN3985 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 105 page
background image
ISO/IEC 15693 layer
AN3985
56/105
Doc ID 022255 Rev 2
ISO15693_Get_Size_of_Block_using_MemSize function
This functions returns the size of a block using the MemSize field of the tag structure. A get
system info command should have been performed before calling this function.
ISO15693_Get_MemSize_kbits function
This function returns the memory size of the tag in kbits.
ISO15693_Get_MemSize_bits function
This function returns the memory size of the contactless tag in bits. This function should be
called if the size of the memory is not an integer number of kbits.
Table 95.
ISO15693_Get_Size_of_Block_using_MemSize function description
Prototype
u8 ISO15693_Get_Size_of_Block_using_MemSize(const
ISO15693_Tag* MyTag);
Input parameter
MyTag: the structure containing the data describing the contactless tag
Output parameter
None
Return parameter
Size_of_Block: the number of bytes composing the block
ISO15693_BLOCK_SIZE_ERROR: Memsize contains no valid value, 0 is
returned.
Table 96.
ISO15693_Get_MemSize_kbits function
Prototype
u8 ISO15693_Get_MemSize_kbits(u8* MemSize, u8 ICRef);
Input parameter
MemSize: pointer on the bytes describing the memory size
ICRef: ICRef to retrieve the number of bytes if necessary
Output parameter
None
Return parameter
size: the size of the memory in kbits
Table 97.
ISO15693_Get_MemSize_bits function description
Prototype
u32 ISO15693_Get_MemSize_bits(u8* MemSize);
Input parameter
MemSize: pointer on the bytes describing the memory size
Output parameter
None
Return parameter
size: the size of the memory in bits (max 1023 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com