Electronic Components Datasheet Search
  English  ▼

X  

AN3985 Datasheet(PDF) 50 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 46Page - STMicroelectronics AN3985 Datasheet HTML 47Page - STMicroelectronics AN3985 Datasheet HTML 48Page - STMicroelectronics AN3985 Datasheet HTML 49Page - STMicroelectronics AN3985 Datasheet HTML 50Page - STMicroelectronics AN3985 Datasheet HTML 51Page - STMicroelectronics AN3985 Datasheet HTML 52Page - STMicroelectronics AN3985 Datasheet HTML 53Page - STMicroelectronics AN3985 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 105 page
background image
ISO/IEC 15693 layer
AN3985
50/105
Doc ID 022255 Rev 2
ISO15693_Is_TagConstructor_STM function
This function returns TRUE_CODE if the tag has been made by STMicroelectronics; the UID
of the tag must be known.
ISO15693_Is_Memory_programming function
This function returns if the contactless tag performs a memory programming by processing
the command (write, lock).
ISO15693_Is_DSFID_Present_Infoflag function
This function returns if the DSFID field is present within the contactless tag answer to a get
system information command.
Table 77.
ISO15693_Is_TagConstructor_STM function description
Prototype
u8 ISO15693_Is_TagConstructor_STM ( ISO15693_Tag*
MyTag);
Input parameter
MyTag: pointer on the structure containing the UID.
Output parameter
None
Return parameter
TRUE_CODE: STMicroelectronics is the manufacturer.
FALSE_CODE: STMicroelectronics is not the manufacturer.
Table 78.
ISO15693_Is_Memory_programming function description
Prototype
u8 ISO15693_Is_Memory_programming_function (const u8
ISO15693_cmd_code);
Input parameter
ISO15693_cmd_code: command code
Output parameter
None
Return parameter
TRUE_CODE: The command is a memory programming command.
FALSE_CODE: The command does not perform a memory programming.
Table 79.
ISO15693_Is_DSFID_Present_Infoflag function description
Prototype
u8 ISO15693_Is_DSFID_Present_Infoflag(const
u8
Information_flags);
Input parameter
Information_Flags: first byte transmitted by the contactless tag containing the
information
Output parameter
None
Return parameter
TRUE_CODE: DSFID is supported.
FALSE_CODE: DSFID is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com