Electronic Components Datasheet Search
  English  ▼

X  

AN3985 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 34Page - STMicroelectronics AN3985 Datasheet HTML 35Page - STMicroelectronics AN3985 Datasheet HTML 36Page - STMicroelectronics AN3985 Datasheet HTML 37Page - STMicroelectronics AN3985 Datasheet HTML 38Page - STMicroelectronics AN3985 Datasheet HTML 39Page - STMicroelectronics AN3985 Datasheet HTML 40Page - STMicroelectronics AN3985 Datasheet HTML 41Page - STMicroelectronics AN3985 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 105 page
background image
ISO/IEC 15693 layer
AN3985
38/105
Doc ID 022255 Rev 2
5.4.2
ISO/IEC 15693 command functions
The functions described in this chapter send an ISO/IEC 15693 command.
ISO15693_Inventory function
This command emits an inventory command to contactless tag.
Note:
If the inventory flag is not set, the function returns an error code.
ISO15693_StayQuiet function
This function emits a StayQuiet command to Contactless tag.
Table 51.
ISO15693_Inventory function description
Prototype
u8 ISO15693_Inventory(ISO15693_Tag* MyTag, const u8
Request_flags, const
u8 Tag_AFI, const u8
MaskLength,const u8* Mask,
u8*
Inventory_16_slots_Nb_UID_Retrieved);
Input parameter
Request_flags: Specifies the actions to be performed by the contactless tag
and whether corresponding fields are present or not (1).
Tag_AFI: AFI field to select a contactless tag family (2)(optional)
MaskLength: length of the mask for transmitting (3)
Mask: the mask to transmit
Inventory_16_slots_Nb_UID_Retrieved: pointer to retrieve the number of tags
seen during the inventory 16 slots
1.
Inventory shall be set.
2.
AFI field is added if AFI flag of request flags is set
3.
For example, to transmit a part of the UID of one tag. Masklength represents the numbers of significant
bits. The user should ensure that other bits are reset for padding.
Output parameter
MyTag: pointer on the structure
Return parameter
SO15693_ERROR_CODE: The command failed. Either there is no tag or the
tag did not manage to perform the request.
ISO15693_ERROR_PARAMETERS_REQUEST_FLAGS: There is an error
within the request flags parameters.
ISO15693_COMMAND_SUCCESS_CODE: Tag answered the command.
Table 52.
ISO15693_StayQuiet function description
Prototype
u8 ISO15693_Stay_Quiet(const u8 Request_flags, const
u8* Tag_UID)
Input parameter
Request_flags: Specifies the actions to be performed by the contactless tag
and whether corresponding fields are present or not (1).
Tag_UID: pointer on the UID (optional)
1.
The Address flag indicates if Tag_UID field will be added to the command (addressed mode).
Output parameter
None
Return parameter
ISO15693_ERROR_CODE: The command failed.
ISO15693_ERROR_PARAMETERS_REQUEST_FLAGS: There is an error
within the request flags parameters.
ISO15693_SUCCESS_CODE: The contactless tag answered the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com