Electronic Components Datasheet Search
  English  ▼

X  

AN3985 Datasheet(PDF) 91 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 87Page - STMicroelectronics AN3985 Datasheet HTML 88Page - STMicroelectronics AN3985 Datasheet HTML 89Page - STMicroelectronics AN3985 Datasheet HTML 90Page - STMicroelectronics AN3985 Datasheet HTML 91Page - STMicroelectronics AN3985 Datasheet HTML 92Page - STMicroelectronics AN3985 Datasheet HTML 93Page - STMicroelectronics AN3985 Datasheet HTML 94Page - STMicroelectronics AN3985 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 105 page
background image
AN3985
Application example
Doc ID 022255 Rev 2
91/105
Table 148 sums up the three low power modes available in this application example.
In each case, both CR95HF and STM8L devices are turned into low power state and the Tag
detection states are activated. The difference between the three states is the second source
of the system wake-up. It can be issued either by CR95HF or by STM8L.
Mode#1: Wait For Interrupt mode
In this state, the CPU of the STM8L is deactivated. An RTC interrupt is sent every 5 seconds
to STM8L. If the CR95HF has not seen a tag during 5 seconds, the STM8L's RTC clock
wakes up the MCU which sends an Interrupt to wake up the CR95HF. Then the
communication between CR95HF and STM8L is tested and the CR95HF is turned into Idle
state again before the STM8L returns into Wait For Interrupt mode. Figure 7 schematizes
these actions.
Figure 7.
Wait for interrupt mode schematic
Table 148.
Low power modes descriptions
Mode
Periodical
wake-up
STML8
CR95HF
Low power mode
Wake-up source
Low power mode
Wake-up source
1STM8L
Wait For Interrupt
– Internal RTC clock
– CR95HF
Tag Detection
– Tag Detection
–STM8L
2
CR95HF
Halt
CR95HF
Tag Detection
Tag Detection
3
CR95HF
Halt
CR95HF
– Tag Detection
–Timer
– Tag Detection
– Internal Timer
MS19963V1
CR95HF
(1) Contactless tag
into operating
volume
2) STM8L send an pulse to
wake up CR95HF
1) internal timer
wakes up STM8L
3) A tag is detected, CR95HF
sent a pulse to wake up STM8L
2) A tag is detected,
CR95HF will wake up
STM8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com