Electronic Components Datasheet Search
  English  ▼

X  

UM0842 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 8Page - STMicroelectronics UM0842 Datasheet HTML 9Page - STMicroelectronics UM0842 Datasheet HTML 10Page - STMicroelectronics UM0842 Datasheet HTML 11Page - STMicroelectronics UM0842 Datasheet HTML 12Page - STMicroelectronics UM0842 Datasheet HTML 13Page - STMicroelectronics UM0842 Datasheet HTML 14Page - STMicroelectronics UM0842 Datasheet HTML 15Page - STMicroelectronics UM0842 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Configuration
UM0842
12/50
Doc ID 16542 Rev 4
Figure 6.
8/16 input channel current limiter based on SCLT3-8, STEVAL-IFP007V1
5.3
Controller–area network bus
The EVALSPEAR320PLC evaluation board supports two channels of CAN2.0A/B compliant
controller–area network (CAN) bus communication based on a 3.3 V CAN transceiver. High-
speed mode, standby mode and slope control mode are available and can be selected by
setting jumper JP1 for CAN0 and jumper JP4 for CAN1.
Table 4.
CAN0 transceiver settings
Jumper
Description
Configuration
JP1
CAN0 transceiver works in Standby mode when JP1 is set.
CAN0 transceiver works in High-speed mode when JP1 is set
(Default).
CAN0 transceiver works in Slope control mode when JP1 is
open.
JP2
CAN0 terminal 120 Ω resistor is enabled when JP2 is loaded.
Default setting: loaded
12 3
12 3
12 3
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com