Electronic Components Datasheet Search
  English  ▼

X  

UM0842 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 39Page - STMicroelectronics UM0842 Datasheet HTML 40Page - STMicroelectronics UM0842 Datasheet HTML 41Page - STMicroelectronics UM0842 Datasheet HTML 42Page - STMicroelectronics UM0842 Datasheet HTML 43Page - STMicroelectronics UM0842 Datasheet HTML 44Page - STMicroelectronics UM0842 Datasheet HTML 45Page - STMicroelectronics UM0842 Datasheet HTML 46Page - STMicroelectronics UM0842 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
UM0842
Application board bill of materials
Doc ID 16542 Rev 4
43/50
R9, R23, R33, R47
and R99
5
Resistor (0603)
1.2 kΩ
R14 and R39
2
Resistor (0603)
5.6 kΩ
R15 and R40
2
Resistor (0603)
91 kΩ
R21, R26, R48 and
R51
4
Resistor (0603)
2 kΩ
R24, R25, R49, R50
and R72
5
Resistor (0603)
220 Ω
R72
R27, R29, R35, R56,
R61, R65, R75, R76,
R79, R81, R93, R94,
R95 and R96
14
Resistor (0603)
0 Ω
R27, R29, R35,
R79, R81
R31
1
Resistor (0603)
33 Ω
R53, R55, R57, R58,
R85 and R104
6
Resistor (0603)
1 kΩ
R54, R60, R64, R67,
R68, R105 and
R107
7
Resistor (0603)
4.7 kΩ
R59, R63, R69,
R103, R106 and
R108
5
Resistor (0603)
100 Ω
R62
1
Variable Resistor
10 kΩ, potentiometer
RK09K11310KB
R66
1
Resistor (0603)
470 Ω
R71 and R74
2
Resistor (0603)
390 Ω NA
R71, R74
R98
1
Resistor (0603)
1.5 kΩ
R100
1
Resistor (0603)
47 kΩ
R101
1
Resistor (0603)
47 Ω
R102
1
Resistor (0603)
102.5 kΩ (91K||5K6)
R102
SB1vSB2
2
Soldering Bridge
U1 and U2
2
CAN transceiver
SN65HVD230
U5 and U6
2
10/100 Fast Ethernet 3.3 V
Transceiver
ST802RT1A
ST: ST802RT1A
U9
1
Precision Analog
Temperature Sensor
STLM20W87F
ST: STLM20W87F
U10, U12, U13 and
U14
4
3.3 V/5 V Dual RS232
Transceiver w/ Int. Cap.
ST3232EBTR
ST: ST3232EBTR
U11
1
RS485 transceiver
ST3485EBDR
ST: ST3485EBDR
U15
1
Single channel power switch
STMPS2141STR
ST:
STMPS2141STR
U16
1
DC/DC converter
L7986A
ST: L7986A
Table 37.
List of components (continued)
Designator
Qty.
Description
Value
Order number
Not assembled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com