Electronic Components Datasheet Search
  English  ▼

X  

UM0842 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 29Page - STMicroelectronics UM0842 Datasheet HTML 30Page - STMicroelectronics UM0842 Datasheet HTML 31Page - STMicroelectronics UM0842 Datasheet HTML 32Page - STMicroelectronics UM0842 Datasheet HTML 33Page - STMicroelectronics UM0842 Datasheet HTML 34Page - STMicroelectronics UM0842 Datasheet HTML 35Page - STMicroelectronics UM0842 Datasheet HTML 36Page - STMicroelectronics UM0842 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
UM0842
CPU board hardware description
Doc ID 16542 Rev 4
33/50
A.3.3
Jumpers & connectors
The jumpers and connectors numbered below refer to the CPU board schematics (available
from your local ST representative).
Sheet 4
G
Connector J3 is a standard 20-pin 2.54 mm connector used for JTAG connections.
G
Jumper J5 enables the power supply to the Real Time Clock block.
If jumper J5 is closed, the RTC is powered (standard).
G
Connector J10 is a 2 vie 1.25 mm pitch connector for battery back-up with cable.
Sheet 5
G
Connector J11 is a standard power connector for the ADC power supply with a 2.1-mm
central pitch.
Sheet 6
G
Jumpers J6, J7, J8 and J9 are serial jumpers for the SPEAr power rail.
All jumpers MUST be closed. This configuration is used for power measurements.
Sheet 7
G
Jumper J22 is a 4-pin symmetric IDC (or strip) connector that switches RX and TX
signals for different types of RS-232 cables(a):
–
Two pins are connected to the ST3232 Receive/Transmit side.
–
Two pins are connected to the RS-232 Receive/Transmit connector side.
G
Connector J17 is a connector for standard IDC-to-DSUB converters.
G
Jumper J20 switches between RS-232 transmit signals or GPIO2:
–
If jumper is on pins 1 and 2, pin PL_GPIO2 is connected to U12 (ST3232) and the
COM0 is available on J17.
–
If jumper is on pins 2 and 3, pin PL_GPIO2 is connected to the expansion
connector J12 pin 9. In this case the COM0 is available on CN13.
G
Jumper J21 switches between RS-232 receive signals or GPIO3:
–
If jumper is on pins 1 and 2, pin PL_GPIO3 is connected to U12 (ST3232) and the
COM0 is available on J17.
–
If jumper is on pins 2 and 3, pin PL_GPIO3 is connected to the expansion
connector J12 pin 11. In this case the COM0 is available on CN13.
a. With 2 jumpers (inserted) the user can switch between two cases; two jumper inserted "vertically" or two
jumpers inserted "horizontally". This enables the user to adapt the serial cable (null modem cable) to the CPU
board. See Figure 26: Serial cable setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com