Electronic Components Datasheet Search
  English  ▼

X  

UM0842 Datasheet(PDF) 42 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 38Page - STMicroelectronics UM0842 Datasheet HTML 39Page - STMicroelectronics UM0842 Datasheet HTML 40Page - STMicroelectronics UM0842 Datasheet HTML 41Page - STMicroelectronics UM0842 Datasheet HTML 42Page - STMicroelectronics UM0842 Datasheet HTML 43Page - STMicroelectronics UM0842 Datasheet HTML 44Page - STMicroelectronics UM0842 Datasheet HTML 45Page - STMicroelectronics UM0842 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
Application board bill of materials
UM0842
42/50
Doc ID 16542 Rev 4
CN16
1
MicroSD card socket
PJS008-2003
YAMAICHI: PJS008-
2003
(www.manudax.fr)
CN17
1
2-pin terminal block, 5.08 mm
pitch
Terminal block
CN18
1
Input power connector, 4.4 V-
36 V
DC10A socket
D1, D2 and D3
3
Schottky Diode
STPS3L40UF
ST: STPS3L40UF
D4
1
Transil diode
SM6T33A
ST: SM6T33A
J1 and J2
2
SAMTEC-MIT-038
MIT-38-01-F-D
Samtec: MIT-38-01-
F-D
JP1, JP3, JP4, JP6,
JP7, JP8, JP11,
JP12 and JP13
9
3-pin Jumper Wire
JP2, JP5, JP9,
JP10, JP14, JP17
and JP18
7
2-pin Jumper Wire
JP15 and JP16
2
3-pin Jumper Resistor
L1, L2, L5 and L6
4
Ferrite bead
NFE31PT222Z1E9L
L3
1
Inductor
MSS1260-333
CoilCraft:
MSS1260-333
L4
1
Inductor
BLM18BA05OSN1D
LD1 and LD3
2
Typical RED, GREEN,
YELLOW, AMBER GaAs LED
Green / LGR971-Z
LD2 and LD4
2
Typical RED, GREEN,
YELLOW, AMBER GaAs LED
Yellow / LYR971-Z
LD5 and LD6
2
Typical RED, GREEN,
YELLOW, AMBER GaAs LED
Red / LSR976
OSC1
1
25 MHz oscillator SG-
210SCB or CFPS-69IB
EPSON SG-210SCB or
IQD Frequency Products
CFPS-69IB
R1, R5, R22, R30,
R32, R46, R70, R73,
R83, R84, R86, R87,
R88, R89, R90, R92
and R97
17
Resistor (0603)
10 kΩ
R32
R2, R6, R10, R11,
R12, R13, R16, R17,
R18, R19, R20, R34,
R36, R37, R38, R41,
R42, R43, R44 and
R45
20
Resistor (0603)
2.2 kΩ
R3 and R7
2
Resistor (0603)
120 Ω
R4, R8, R28, R52,
R77, R78, R80, R82
and R91
9
Resistor (0603)
1 MΩ
Table 37.
List of components (continued)
Designator
Qty.
Description
Value
Order number
Not assembled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com