Electronic Components Datasheet Search
  English  ▼

X  

UM0842 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 14Page - STMicroelectronics UM0842 Datasheet HTML 15Page - STMicroelectronics UM0842 Datasheet HTML 16Page - STMicroelectronics UM0842 Datasheet HTML 17Page - STMicroelectronics UM0842 Datasheet HTML 18Page - STMicroelectronics UM0842 Datasheet HTML 19Page - STMicroelectronics UM0842 Datasheet HTML 20Page - STMicroelectronics UM0842 Datasheet HTML 21Page - STMicroelectronics UM0842 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Connectors
UM0842
18/50
Doc ID 16542 Rev 4
6
Connectors
6.1
CAN DB9 plug connectors (CN1 and CN2)
Figure 7.
CAN DB9 plug connectors pinout
6.2
Digital input serial connector (CN3)
This connector enables connection of industrial output card STEVAL-IFP007V1.
Figure 8.
Digital input serial connector pinout
Table 11.
CAN DB9 plug connectors description
Pin
Description
Pin
Description
1, 4, 8
NC
7
CANH
2CANL
3, 6
GND
5
Chassis
9
Optional supply voltage (+3.3 V or +5.0 V)
Table 12.
Digital input serial connector description
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1NC6
NC
11
SSP_MOSI
(PL_GPIO9)
16
NC
2NC7
NC
12
SSP_CLK
(PL_GPIO8)
17
+3.3 V
3NC8
NC
13
SSP_SS0
(PL_GPIO7)
18
GND
4NC9
NC
14
SSP_MISO
(PL_GPIO6)
19
+3.3 V
5
NC
10NC15
NC20
GND
1
2
3579
468 10
11 13 15 17 19
12 14 16 18 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com