Electronic Components Datasheet Search
  English  ▼

X  

UM0842 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 13Page - STMicroelectronics UM0842 Datasheet HTML 14Page - STMicroelectronics UM0842 Datasheet HTML 15Page - STMicroelectronics UM0842 Datasheet HTML 16Page - STMicroelectronics UM0842 Datasheet HTML 17Page - STMicroelectronics UM0842 Datasheet HTML 18Page - STMicroelectronics UM0842 Datasheet HTML 19Page - STMicroelectronics UM0842 Datasheet HTML 20Page - STMicroelectronics UM0842 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
UM0842
Configuration
Doc ID 16542 Rev 4
17/50
5.11
Reset button
A manual reset button (B3) is available on the board's top side. It resets the microprocessor
on the core board. It can be disconnected from the input reset signal of the core board by
soldering out resistor R65. In order to perform a hardware reset of the first Ethernet PHY U5
(ETH1), it is necessary to drive low pin PL_GPIO66 of the microprocessor. In order to
perform a hardware reset of the second Ethernet PHY U6 (ETH2), it is necessary to drive
low pin PL_GPIO76 of the microprocessor.
5.12
MicroSD card
The MicroSD card connector connected to the SDIO interface of the EVALSPEAR320PLC is
available on the board. MicroSD card detection is managed by the standard SDIO signal
SDCD when the card is inserted. In order to power-up the MicroSD card properly, it is
necessary to detect the card insertion and then to enable the single channel power switch
U15 by means of PL_GPIO61 (active low).
Using the thermal and short-circuit protection of the power switch, it is possible to detect
overcurrent conditions (> 500 mA) on the MicroSD card connector by pin PL_GPIO57 which
is connected to the overcurrent pin of U15. By default the U15 power output is disabled by
the R83 pull-up resistor connected to the Enable pin of the power switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com