Electronic Components Datasheet Search
  English  ▼

X  

UM0842 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 16Page - STMicroelectronics UM0842 Datasheet HTML 17Page - STMicroelectronics UM0842 Datasheet HTML 18Page - STMicroelectronics UM0842 Datasheet HTML 19Page - STMicroelectronics UM0842 Datasheet HTML 20Page - STMicroelectronics UM0842 Datasheet HTML 21Page - STMicroelectronics UM0842 Datasheet HTML 22Page - STMicroelectronics UM0842 Datasheet HTML 23Page - STMicroelectronics UM0842 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Connectors
UM0842
20/50
Doc ID 16542 Rev 4
6.5
Digital output parallel connector (CN6)
This connector enables connection of industrial output cards: STEVAL-IFP002V1, STEVAL-
IFP001V1, STEVAL-IFP006V1.
Figure 11.
Digital output parallel connector (CN6) pinout
6.6
Ethernet RJ-45 connectors (CN7 and CN8)
Figure 12.
Ethernet RJ-45 connectors (CN7 and CN8) - Front view
Table 15.
Digital output parallel connector (CN6) description
Pin
Signal
Pin
Signal
Pin
Signal
1
+3.3 V
6
PL_GPIO52
11
PL_GPIO55
2
GND
7
PL_GPIO65
12
NC
3
PL_GPIO53
8
PL_GPIO62
13
NC
4
PL_GPIO54
9
PL_GPIO59
14
NC
5
PL_GPIO68
10
PL_GPIO60
1
2
3
579
46
8
10
11 13
12 14
Table 16.
Ethernet RJ-45 connectors (CN7 and CN8) description
Pin
Description
Pin
Description
1
TxData+
2
TxData-
3
RxData+
4
NC
5
NC
6
RxData-
7NC
8NC
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com