Electronic Components Datasheet Search
  English  ▼

X  

UM0842 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 15Page - STMicroelectronics UM0842 Datasheet HTML 16Page - STMicroelectronics UM0842 Datasheet HTML 17Page - STMicroelectronics UM0842 Datasheet HTML 18Page - STMicroelectronics UM0842 Datasheet HTML 19Page - STMicroelectronics UM0842 Datasheet HTML 20Page - STMicroelectronics UM0842 Datasheet HTML 21Page - STMicroelectronics UM0842 Datasheet HTML 22Page - STMicroelectronics UM0842 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
UM0842
Connectors
Doc ID 16542 Rev 4
19/50
6.3
Digital output serial connector (CN4)
This connector enables connection of industrial output card STEVAL-IFP009V1.
Figure 9.
Digital output serial connector pinout
6.4
Digital input parallel connector (CN5)
This connector enables connection of industrial input cards based on CLT, PCLT devices -
STEVAL-IFP004V1 and STEVAL-IFP008V1.
Figure 10.
Digital input parallel connector (CN5) pinout
Table 13.
Digital output serial connector description
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1
NC
6
NC
11
NC
16
NC
2NC7
NC
12
SSP_MOSI
(PL_GPIO9)
17
+3.3 V
3NC8
NC
13
SSP_MISO
(PL_GPIO6)
18
GND
4NC9
SSP_CLK
(PL_GPIO8)
14
SSP_SS3
(PL_GPIO35)
19
+3.3 V
5
NC
10PL_GPIO5615
NC
20
GND
1
2
3579
468 10
11 13 15 17 19
12 14 16 18 20
Table 14.
Digital input parallel connector (CN5) description
Pin
Signal
Pin
Signal
1
+3.3 V
6
PL_GPIO71
2
GND
7
PL_GPIO70
3
PL_GPIO74
8
PL_GPIO73
4
PL_GPIO79
9
PL_GPIO72
5
PL_GPIO75
10
PL_GPIO69
1
2
3579
468
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com