Electronic Components Datasheet Search
  English  ▼

X  

UM0842 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 36Page - STMicroelectronics UM0842 Datasheet HTML 37Page - STMicroelectronics UM0842 Datasheet HTML 38Page - STMicroelectronics UM0842 Datasheet HTML 39Page - STMicroelectronics UM0842 Datasheet HTML 40Page - STMicroelectronics UM0842 Datasheet HTML 41Page - STMicroelectronics UM0842 Datasheet HTML 42Page - STMicroelectronics UM0842 Datasheet HTML 43Page - STMicroelectronics UM0842 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
CPU board hardware description
UM0842
40/50
Doc ID 16542 Rev 4
80
1
U16
ST
STBP120C
TDFN-10
Overvoltage protection
device with thermal
shutdown/Rds 90 mOhm/
TDFN-10 2.5x2 mm/RoHs
STBP120BVDK6
F
81
1
Y1
32.768 kHz
XT38T
Crystal/32.768 kHz/NO/
12.5 pF/XTAL-60-85 A/
RoHS
82
1
Y2
24 MHz
RAD-HC49
Crystal/24 MHz/NO/
12.5 pF/HC49/RoHS
83
1
Z1
MMSZ5232B
T1
SOD123-
C425
Zener Diode/5.6 V/0.5 A/
0.5HearderW/ SOD-
123/RoHs
Table 36.
List of components (continued)
Item
Qty.
Reference
Part
Footprint
Description
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com