Electronic Components Datasheet Search
  English  ▼

X  

LF3370 Datasheet(PDF) 8 Page - LOGIC Devices Incorporated

Part # LF3370
Description  High-Definition Video Format Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3370 Datasheet(HTML) 8 Page - LOGIC Devices Incorporated

Back Button LF3370 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 11Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 12Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LF3370
High-Definition Video Format Converter
8
03/13/2001–LDS.3370-F
Video Imaging Products
DEVICES INCORPORATED
halfband filters to the data flowing
through the LF3370. A latched HIGH to
LOW transition on SYNC control signal is
neededtoinitializethedevicetomarkthe
beginning of valid data.
In addition, if 4:2:2 interleaved video data
is desired for input or output, a HIGH to
LOW transition on SYNC must be
registeredbyasimultaneousrisingedgeof
CLK and CLK/2. CLK/2 is an internal
clock that must be synchronized to CLK
by use of RESET only if the core is running
at half the rate of CLK (see RESET
discussio n and Figures 4 & 5).
Furthermore,SYNCisusedtoidentifyone
interleaveddatasetfromanother. For
example,inthecaseofinterleaved
Chroma, Cb and Cr samples must be
properly demultiplexed and synchro-
nized for processing.
TodifferentiateaCbsamplefromCr,there
needs to be a HIGH to LOW transition on
SYNC on the first Cb sample (see Figure 4
& 5); SYNC can also be toggled on every
Cbsampleforre-synchronization.
In the case that Cb is the first valid data
word, SYNC may be used only once in
device initialization and kept low until re-
synchronizationisdesired. Therefore,
when there is a HIGH to LOW transition
on SYNC, the following is assumed: Cb
will occur on the first LOW on SYNC that
is latched, Cb will occur every two clock
cyclesifinterleavedChromaispresented
to the input port B12-0, Cb will occur every
4 clock cycles if single channel 4:2:2
interleavedvideoispresentedtotheinput
port A12-0.
SYNC control signal is also used to
synchronize the interpolation/decimation
outputdatafromtheHalf-BandFilterto
the Output Multiplexer. This synchroniza-
tion is done automatically.
RESET
RESET should be used when initializing
the device for proper operation. It is used
to synchronize the LF3370 core clock to
the master clock. In the case that single
channel 4:2:2 interleaved video data is
desired either on the input or output, thus
using only one input or one output port
(not including Key data), the internal
clock rate will be half (CLK/2) of the
master clock rate (CLK). In this case,
RESET is needed to synchronize the rising
edge of CLK/2 to a known rising edge of
CLK (see Figure 4). For example, after
configuringtheLF3370andbefore
streaming valid data through the part, a
RESET event should be used to align the
clockedges(seeFigure4&5).
Furthermore,RESETwillclearHF0 and
HF1. A LOW state detected on RESET on a
rising edge of clock will clear flags HF0
and HF1 on the following rising edge of
clock. Please note HBLANK should be
FIGURE 10.
HBLANK AND COUNTER
CLK
HBLANK
1
2
3
Data values at output of Input LUT section
5
6
7
8
10
13
911
HF0
HF1
412
14
20-bit
COUNTER
17
16
18
*
0
12
3
4
5
6
78
9
10
0
1
4
5
23
15
DN+3
DN+4
DN+5
DN+6
DN+7
DN+8
DN+9
DN+10
DN+11
DN+3
DN+4
DN+5
DN+6
DN+7
DN+8
DN+9
DN+10
DN+11
DN+3
DN+4
DN+5
DN+6
DN+7
DN+8
DN+9
DN+10
DN+11
DN+3
DN+4
DN+5
DN+6
DN+7
DN+8
DN+9
DN+10
DN+11
A'12-0*
C'12-0*
D'12-0*
B'12-0*
DN
HBLANK Word A
DN
DN
DN
HBLANK Word B
HBLANK Word C
HBLANK Word D
HBLANK Word A
HBLANK Word B
HBLANK Word C
HBLANK Word D
In this example, HF0 Count Value is set to 3 and HF1 Count Value is set to 5
FIGURE 9. OUTPUT BIAS
FIGURE 8. INPUT BIAS
R0
R3
13
2
13
INBIAS1-0
13
13
From Input Demux
R0
R3
13
2
OUTBIAS1-0
13
13
From Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com