Electronic Components Datasheet Search
  English  ▼

X  

LF3370 Datasheet(PDF) 16 Page - LOGIC Devices Incorporated

Part # LF3370
Description  High-Definition Video Format Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3370 Datasheet(HTML) 16 Page - LOGIC Devices Incorporated

Back Button LF3370 Datasheet HTML 12Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 13Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 14Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 15Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 16Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 17Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 18Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 19Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 20Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LF3370
High-Definition Video Format Converter
16
03/13/2001–LDS.3370-F
Video Imaging Products
DEVICES INCORPORATED
BITS
FUNCTION
DESCRIPTION
12-0
Channel ‘A’ Blanking Word
Channel ‘A’ Blanking Level Word
programmedtodoublethelength[(de-
sired length x 2) – 2)] to properly align
data due to the core running at half the
CLKrate.
FirstOperationSelect
‘First Operation Select’ is a bypassing
option where you select to use the first
functional block (Half-Band Filter or
MatrixMultiplier/KeyScaler)inanygiven
arrangement. Ifthedevicewasarrangedin
such a way that the Half-Band Filter section
fedtheMatrixMultiplier/KeyScalersection
and ‘First Operation Select’ was enabled,
theHalf-BandFiltersectionwillbeused
andtheMatrixMultiplier/KeyScaler
sectionwillbebypassed.
If the device was arranged in such a way
thattheMatrixMultiplier/KeyScaler
section fed the Half-Band Filter section
and ‘First Operation Select’ was enabled,
theMatrixMultiplier/KeyScalersection
will be used - its output will be routed
directlytotheoutputLUTsection. Unlike
in other bypassing options , the total
pipeline latency of the LF3370 is reduced
bytheappropriatedelay. IftheHalf-Band
Filtersectionwasbypassedbythismethod,
the overall pipeline latency should be
reduced by 35 CLK cycles. If the Matrix
Multiplier section was bypassed by this
method,theoverallpipelinelatency
should be reduced by 6 CLK cycles. This
functionisimplementedbyconfiguringbit
9 of Configuration Register 0. The ‘Func-
tionalArrangement’ofthedeviceis
determinedbyconfiguringbit4ofCon-
figurationRegister0.
TABLE 12.
CONFIGURATION REGISTER 12 – ADDRESS 207
BITS
FUNCTION
DESCRIPTION
12-0
Channel ‘B’ Blanking Word
Channel ‘B’ Blanking Level Word
TABLE 13.
CONFIGURATION REGISTER 13– ADDRESS 208
BITS
FUNCTION
DESCRIPTION
12-0
Channel ‘C’ Blanking Word
Channel ‘C’ Blanking Level Word
TABLE 14.
CONFIGURATION REGISTER 14 – ADDRESS 209
BITS
FUNCTION
DESCRIPTION
12-0
Channel ‘D’ Blanking Word
Channel ‘D’ Blanking Level Word
TABLE 15.
CONFIGURATION REGISTER 15 – ADDRESS 20A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com