Electronic Components Datasheet Search
  English  ▼

X  

LF3370 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # LF3370
Description  High-Definition Video Format Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3370 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  LF3370 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LF3370
High-Definition Video Format Converter
4
03/13/2001–LDS.3370-F
Video Imaging Products
DEVICES INCORPORATED
HBLANK — Horizontal Blanking Control
HBLANK is used for data replacement
corresponding to user-selectable
blanking levels. A HIGH to LOW
transition resets the counter and the
HFx flags.This signal is latched on the
rising edge of CLK.
INBIAS1-0 — Input Bias Control
INBIAS1-0 determines which of the
four user-programmable Input Bias
registers are used to sum with the
input data. These pins are latched on
the rising edge of CLK.
OUTBIAS1-0 — Output Bias Control
OUTBIAS1-0 determines which of the
four user-programmable Output Bias
registers are used to sum with the
output data.These pins are latched on
the rising edge of CLK.
RSL1-0 — Round/Select/Limit Control
RSL1-0 determines which of the user-
programmable Round/Select/Limit
registers (RSL registers) are used in
the RSL circuitry. A value of 00 on
RSL1-0 selects RSL register 0. A value
of 01 selects RSL register 1 and so on.
RSL1-0 is latched on the rising edge of
CLK.
OE — Output Enable
When OE is LOW, W12-0, X12-0, Y12-0,
and Z12-0 are enabled for output.
When OE is HIGH, W12-0, X12-0, Y12-0,
and Z12-0 are placed in a high-
impedance state.
PAUSE — LF InterfaceTM Pause
When PAUSE is HIGH, the LF3370
LF InterfaceTM loading sequence is
halted until PAUSE is returned to a
LOW state. This effectively allows
the user to load coefficients and
control registers at a slower rate than
the master clock. This pin is latched
SIGNAL DEFINITIONS
Power
VCC and GND
+3.3 V power supply. All power pins
must be connected.
Clock
CLK — Master Clock
The rising edge of CLK strobes all
enabled registers. To guarantee data
integrity, a minimum of 25KHz must
be maintained.
Inputs
A12-0, B12-0, C12-0, D12-0 — Data Inputs
A12-0, B12-0, C12-0, and D12-0 are the
13-bit registered data input ports.
Data is latched on the rising edge of
CLK.
CF12-0 — Coefficient Input
CF12-0 is used to address and load
Colorspace/Key Scaler coefficient
banks, Round/Select/Limit registers,
and Configuration registers. Data
present on CF12-0 is latched into the
LF InterfaceTM on the rising edge of
CLK when LD is LOW.
CA1-0 — Coefficient Address
CA1-0 determines which of the four
user-programmable Colorspace/Key
Scaler Coefficients are used.
Outputs
W12-0 , X12-0 , Y12-0 , Z12-0 — Data Outputs
W12-0, X12-0, Y12-0, and Z12-0 are the
13-bit registered data output ports.
Outputs are updated on the rising
edge of CLK.
HF1/HF0 — HBlank Flags
HF1 and HF0 are two general purpose
flags used to indicate when a 20-bit
counter reaches its user-defined
terminal count; a HIGH to LOW
transition of HBLANK and/or RESET
will reset the flags.
Controls
LD — Configuration Load
When LD is LOW, data on CF12-0 is
latched into the LF3370 LF InterfaceTM
on the rising edge of CLK. When LD
is HIGH, data is not loaded into
the LF InterfaceTM. When enabling
the LF InterfaceTM for data input, a
latched HIGH to LOW transition of
LD is required in order for the input
circuitry to function properly.
Therefore, LD must be set HIGH
immediately after power up to
ensure proper operation of the input
circuitry.
SYNC — Synchronization for data alignment
SYNC control signal is required to
properly synchronize the input
demultiplexer, output multiplexer,
and halfband filters to the data
flowing through the LF3370. A
latched HIGH to LOW transition tells
the core which sample corresponds to
a Cb/Cr sample for proper de-multi-
plexing and multiplexing. This signal
will also synchronize the half-band
filters into a decimation/interpolation
sequence. This signal is latched on the
rising edge of CLK.
DATAPASS — Datapass Mode
DATAPASS is used to place the
LF3370 in a mode of operation that
allows the user to pass data through
the core (Input/Output Bias Adders,
LUTs, Hafband Interpolator/
Decimator, Colorspace/Key Scaler)
without any processing. This signal is
latched on the rising edge of CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com