Electronic Components Datasheet Search
  English  ▼

X  

LF3370 Datasheet(PDF) 19 Page - LOGIC Devices Incorporated

Part # LF3370
Description  High-Definition Video Format Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3370 Datasheet(HTML) 19 Page - LOGIC Devices Incorporated

Back Button LF3370 Datasheet HTML 15Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 16Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 17Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 18Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 19Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 20Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 21Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 22Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 23Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Video Imaging Products
19
LF3370
High-Definition Video Format Converter
03/13/2001–LDS.3370-F
DEVICES INCORPORATED
FIGURE 20.MATRIX MULTIPLIER/KEY SCALER COEFFICIENT BANK LOADING SEQUENCE WITH PAUSE IMPLEMENTATION
ADDR1
COEF0
COEF1
CLK
LD
CF12-0
W1
W1: Matrix Multiplier/Key Scaler Coefficient Set updated and effective on this active rising clock edge.
PAUSE
COEF9
FIGURE 19.MATRIX MULTIPLIER/KEY SCALER COEFFICIENT BANK LOADING SEQUENCE
ADDR1
COEF0
COEF2
COEF3
COEF4
COEF6
ADDR7
COEF8
CLK
LD
CF12-0
W1: Matrix Multiplier/Key Scaler Coefficient Set updated and effective on this active rising clock edge.
W1
COEF5
COEF1
COEF9
FIGURE 18.LOOK-UP TABLE LOADING SEQUENCE
ADDR1
N0
N2
N1023
CLK
LD
CF11-0
W1: LUT updated and effective on this rising clock edge.
N1
N3
N4
N1019
N1021
N1020
N1022
W1
FIGURE 17.CONFIGURATION, INPUT/OUTPUT BIAS ADDER, RSL, AND HBLANK LEVEL REGISTER LOADING SEQUENCE
ADDR1
DATA1
ADDR3
DATA4
CONFIG REG
RSL REGISTER
HBLANK LEVEL REGISTER
CLK
LD
CF12-0
W2
W1: Configuration Register updated and effective on this rising clock edge.
W3
W4
W2: Input or Output Bias Adder Register updated and effective on this rising clock edge.
W3: RSL Register Set updated and effective on this rising clock edge.
DATA1
DATA3
DATA2
ADDR4
DATA2
DATA1
IN/OUT BIAS REG
ADDR2
DATA1
W4: Horizontal Blanking Level Register updated and effective on this rising clock edge.
W1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com