Electronic Components Datasheet Search
  English  ▼

X  

LF3370 Datasheet(PDF) 7 Page - LOGIC Devices Incorporated

Part # LF3370
Description  High-Definition Video Format Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3370 Datasheet(HTML) 7 Page - LOGIC Devices Incorporated

Back Button LF3370 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 11Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Video Imaging Products
7
LF3370
High-Definition Video Format Converter
03/13/2001–LDS.3370-F
DEVICES INCORPORATED
and interleaved video is presented to input
port B12-0 (i.e., Chroma). The input
demultiplexer, in this case, separates video
data on B12-0 and outputs two channels of
separated video into the LF3370 core with
a delay of 4 CLK cycles. For this operation,
bit 0 must be set to 0 and bit 1 must be set to
1 in Configuration Register 0 (see Table 5).
If 4:2:2 video data is on one channel
interleaved(seeFigure5),itisassumed
that interleaved video is presented to input
port A12-0. The input demultiplexer, in
this case, separates video data on A12-0
and outputs three channels of separated
video into the LF3370 core with a delay of
5 CLK cycles. In this case, the core will
run at half of the CLK rate and valid data
will be output at at half of the CLK rate.
For this operation, bit 0 must be set to 1
and bit 1 must be set to 0 in Configuration
Register 0 (see Table 5).
All input demultiplexing operations are
controlledbythelatchedHIGHtoLOW
transitions of SYNC which synchronizes
the LF3370 core to the multiplexed input
data (see SYNC discussion). It is impor-
tant that unused input ports be set either
HIGHorLOW.
OutputMultiplexer
Theoutputmultiplexersectioncanbe
configured in various ways to accommo-
date the video system. Bits 2 and 3 of
ConfigurationRegister0determinesthe
number of output channels that the
LF3370 will drive. Z12-0 is the Key
channel output port; the Key channel
simply gets passed through the output
multiplexer with a latency that matches
the other three channels.
If three separate output channels of non-
interleaved video are desired, no multi-
plexing is performed. The three channels
are passed through the output multi-
plexer unmodified on the output ports
W12-0, X12-0, and Y12-0 with a delay of 2
CLK cycles. For this operation, bits 2 and
3 must both be set to 1 in Configuration
Register 0 (see Table 5).
If one channel of non-interleaved video
(i.e., Luma) and one channel of inter-
leavedvideo(i.e.,Chroma)isdesired(see
Figure 6), non-interleaved video will be
driven to the output port W12-0 and
interleavedvideowillbedriventothe
output port X12-0 with a delay of 2 CLK
cycles. For this operation, bit 2 must be set
to 0 and bit 3 must be set to 1 in Configu-
ration Register 0 (see Table 5).
If 4:2:2 interleaved video on one port is
desired(seeFigure7),interleavedvideo
will be driven to the output port W12-0
with a delay of 4 CLK cycles. For this
operation, bit 2 must be set to 1 and bit 3
must be set to 0 in Configuration Register 0
(seeTable5).
Alloutputmultiplexingoperationsare
initiatedbythelatchedHIGHtoLOW
transitions of SYNC which synchronizes
the multiplexed output data to the LF3370
core(seeSYNCdiscussion).
SYNC
SYNC control signal is required to
properly synchronize the input
demultiplexer, output multiplexer, and
FIGURE 6. OUTPUTTING 4:2:2:4 (INTERLEAVED CHROMA ON CHANNEL X)
CLK
There will be a HIGH to LOW transition on every Cb sample
W12-0
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y0 (Output SYNC)*
Y10
Y11
Y12
*
Z12-0
Y13
Y14
Y15
Y16
Y17
CB0
CR0
CB2
CR2
CB4
CR4
CB6
CR6
CB8
CR8
CB10
CR10
CB12
CR12
CB14
CR14
CB16
CR16
K0
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
K12
K13
K14
K15
K16
K17
X12-0
FIGURE 7. OUTPUTTING 4:2:2:4 (INTERLEAVED LUMA/CHROMA ON CHANNEL W)
CLK
There will be a HIGH to LOW transition on every Cb sample
W12-0
CB0
Y0
CR0
Y1
CB2
Y2
CR2
Y3
CB4
Y4
Y0 (Output SYNC)*
CR4
Y5
CB6
*
Z12-0
Y6
CR6
Y7
CR8
Y8
K0
K1
K2
K3
K4
K5
K6
K7
K8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com