Electronic Components Datasheet Search
  English  ▼

X  

LF3370 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LF3370
Description  High-Definition Video Format Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3370 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LF3370 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Video Imaging Products
1
LF3370
High-Definition Video Format Converter
03/13/2001–LDS.3370-F
DEVICES INCORPORATED
COLORSPACE
CONVERTER/
KEY SCALER
INPUT DE-MULTIPLEXER SECTION
55-TAP HALF-BAND
INTERPOLATION/
DECIMATION
FILTERS
OUTPUT MULTIPLEXER SECTION
B12-0
C12-0
A12-0
D12-0
X12-0
Y12-0
W12-0
Z12-0
1K x 13-Bit
LOOK-UP-TABLES
INPUT BIAS ADDERS
OUTPUT BIAS ADDERS
FEATURES
LF3370
High-Definition Video Format Converter
DEVICES INCORPORATED
u
u
u
u
u 83 MHz Data Rate for HDTV
Applications
u
u
u
u
u Supports Multiple Video Formats
Bi-Directional Conversions:
- 4:2:2:4
- 4:4:4:4
- R/G/B/Key
- Y/U/V/Key
u
u
u
u
u Multiplexed and Non-multiplexed
I/O Data
u
u
u
u
u User-Programmable:
- 3 x 3 Colorspace Converter
- LUT for Gamma Correction
- I/O Bias Compensation
- Bypass Capability
u
u
u
u
u 13-bit Data Path, Colorspace
Converter Coefficients and Key
Channel Scaling Coefficients
u
u
u
u
u 160-lead PQFP
DESCRIPTION
The LF3370 is a video format
converter capable of operating at
HDTV data rates. This device
converts to and from any of the
various SDTV/HDTV digital video
formats by utilizing an internal
3 x 3 Matrix Multiplier and two
1:2 Interpolation/2:1 Decimation
Half-Band Filters.
Using the Input Demultiplexer
and Output Multiplexer, the
LF3370 can accept and output
interleaved or non-interleaved
video. For example, R/G/B/Key
data can be color space converted
to Y/U/V/Key and down-con-
verted to 4:2:2:4. By re-arranging
the order of the functional sec-
tions, the opposite conversion can
be achieved. The coefficients for
the 3 x 3 Matrix Multiplier are
fully user programmable to sup-
port a wide range of color space
conversions. The two Interpola-
tion/Decimation Half-Band Filters
are fully compliant with SMPTE
260M.
Input and Output Bias Adders are
included for removing or adding a
user-defined bias into the video
signal. In addition, three pro-
grammable 1K x 13-bit Look-Up
Tables (LUTs) have also been
included for various uses such as
gamma correction. A Scaler has
been included on the Key Channel
for scaling to a desired magnitude
using user programmable coeffi-
cients.
Input signals can also be forced to
user-defined levels for horizontal
blanking. Furthermore, Round/
Select/Limit (RSL) circuitry is
provided at the end of various
stages to provide the best possible
conversions without color viola-
tions. For additional flexibility,
the Halfband Filter can be indi-
vidually bypassed using an inter-
nal programmable length delay.
All control and coefficient registers
are loaded through the LF Inter-
face™.
This device operates at 3.3 V (5 V
tolerant I/O) and is available in
160-lead PQFP package.
LF3370 BLOCK DIAGRAM


Similar Part No. - LF3370

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3304 LODEV-LF3304 Datasheet
130Kb / 12P
Dual Line Buffer/FIFO
LF3304QC10 LODEV-LF3304QC10 Datasheet
130Kb / 12P
Dual Line Buffer/FIFO
LF3304QC12 LODEV-LF3304QC12 Datasheet
130Kb / 12P
Dual Line Buffer/FIFO
LF3304QC15 LODEV-LF3304QC15 Datasheet
130Kb / 12P
Dual Line Buffer/FIFO
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
Horizontal / Vertical Digital Image Filter
More results

Similar Description - LF3370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
Digital Video Format Converter Product Brief
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
Dual-Channel Video Format Converter
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
Integrated Dual 3D Video Format Converter
logo
Zoran Corporation
CVE5 ZORAN-CVE5 Datasheet
232Kb / 2P
High Definition Video Encoder
logo
Analog Devices
ADA4417-3 AD-ADA4417-3_15 Datasheet
435Kb / 16P
Integrated Triple Video Filter for High Definition Video
REV. A
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
Low Cost Video Format Converter
October 14, 2014
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
Low Cost Video Format Converter
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
Video Format Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com