Electronic Components Datasheet Search
  English  ▼

X  

LF3370 Datasheet(PDF) 9 Page - LOGIC Devices Incorporated

Part # LF3370
Description  High-Definition Video Format Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3370 Datasheet(HTML) 9 Page - LOGIC Devices Incorporated

Back Button LF3370 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 11Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 12Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 13Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Video Imaging Products
9
LF3370
High-Definition Video Format Converter
03/13/2001–LDS.3370-F
DEVICES INCORPORATED
used to clear HF0 and HF1 during normal
operation (see HBLANK discussion).
HBLANK
HBLANK is used to replace portions of the
input data with user-defined blanking
levels. When HBLANK is LOW, blanking
level words are injected into the data
stream immediately after the Input LUT
section regardless of this section being
used or not. While HBLANK is LOW,
blanking level words are continually
injected into the datapath with user-
defined blanking words. Blanking words
are injected on the next rising clock edge
when HBLANK is LOW. In addition,
HBLANK clears flags HF0 and HF1 and
resetsa20-bitincrementingcounter(0-
1,048,575). If a HIGH to LOW transition
on HBLANK is detected on a rising edge of
clock, HF0 and HF1 are cleared and the
counter is reset on the following rising
edgeofclock(seeFigure10). KeyChannel
blankingmaybeindependentlyenabled
or disabled using Congifuration Register 1
(seeTable6).
HF0/HF1 and Counter
HF0 and HF1 are two independent flags
thataresetwhenthepre-programmed
HF0 or HF1 count value is equal to the 20-
bitincrementingcountervalue. Foreach
flag,oneuser-defined20-bitcountvalue
can be programmed. When HF0 or HF1
count value is equal to the counter value,
HF0 or HF1 is set on the next rising edge
of clock. Once the flags are set, they must
be reset if they are needed again. The
counter will increment by one at the rate
of CLK and can be reset by HBLANK.
The counter will continue to loop if not
FIGURE 11.
MATRIX MULTIPLIER AND KEY SCALER
A’
D
13
13
26
26
28
26
20(MSB)
L
RS
13
B’
20(MSB)
L
RS
13
C’
20(MSB)
L
RS
13
D’
20(MSB)
L
RS
13
13
26
13
26
13
26
13
26
13
26
13
26
13
26
13
26
Coef Bank 4
Coef Bank 0
13
Coef Bank 1
Coef Bank 2
Coef Bank 5
Coef Bank 6
Coef Bank 7
Coef Bank 8
26
28
26
28
13
26
13
13
13
13
13
13
13
A
13
13
13
13
13
Coef Bank 3
13
13
13
13
13
13
Coef Bank 9
26
26
26
26
26
26
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com