Electronic Components Datasheet Search
  English  ▼

X  

LF3370 Datasheet(PDF) 23 Page - LOGIC Devices Incorporated

Part # LF3370
Description  High-Definition Video Format Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3370 Datasheet(HTML) 23 Page - LOGIC Devices Incorporated

Back Button LF3370 Datasheet HTML 16Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 17Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 18Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 19Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 20Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 21Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 22Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 23Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 24Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Video Imaging Products
23
LF3370
High-Definition Video Format Converter
03/13/2001–LDS.3370-F
DEVICES INCORPORATED
Plastic Quad Flatpack
(Q6)
LF3370QC12
ORDERING INFORMATION
0°C to +70°C — COMMERCIAL SCREENING
Speed
12 ns
160-pin
GND
BIN6
BIN7
BIN8
BIN9
BIN10
BIN11
BIN12
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
AIN11
AIN12
Vcc
RSL1
RSL0
GND
CF0
CF1
CF2
CF3
CF4
CF5
CF6
CF7
CF8
CF9
CF10
CF11
CF12
INBIAS1
INBIAS0
OUTBIAS1
OUTBIAS0
DATAPASS
HBLANK
RESET
SYNC
GND
ZOUT0
ZOUT1
ZOUT2
ZOUT3
ZOUT4
Vcc
GND
ZOUT5
ZOUT6
ZOUT7
ZOUT8
ZOUT9
Vcc
GND
ZOUT10
ZOUT11
ZOUT12
YOUT0
YOUT1
Vcc
GND
YOUT2
YOUT3
YOUT4
YOUT5
YOUT6
Vcc
YOUT7
YOUT8
YOUT9
YOUT10
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
LD
PAUSE
37
38
39
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com