Electronic Components Datasheet Search
  English  ▼

X  

RT9481 Datasheet(PDF) 37 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 37 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 33Page - Richtek Technology Corporation RT9481 Datasheet HTML 34Page - Richtek Technology Corporation RT9481 Datasheet HTML 35Page - Richtek Technology Corporation RT9481 Datasheet HTML 36Page - Richtek Technology Corporation RT9481 Datasheet HTML 37Page - Richtek Technology Corporation RT9481 Datasheet HTML 38Page - Richtek Technology Corporation RT9481 Datasheet HTML 39Page - Richtek Technology Corporation RT9481 Datasheet HTML 40Page - Richtek Technology Corporation RT9481 Datasheet HTML 41Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
37
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
MISC_
STA1
0X25
Meaning
ADC_ STA
ADAPTER_STA
Reversed
Reversed
Reversed
Reversed Reversed
Default
0
1
1
0
0
0
0
0
Read/
Write
R
R
R
R/W
R/W
R/W
R/W
R/W
ADC_STA
ADC status
0 : ADC is idle
1 : ADC conversion is on going
ADAPTER_STA
VBUS adapter type
00 : SDP with D+ / D- floating
01 : SDP
10 : CDP
11 : DCP
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
MISC_
STA2
0X26
Meaning
LDSWREG
_STAT
USBOUTLD
_STAT
VBUS_STAT
USBOUT_
STAT
VDDAUVP_
STAT
LDSW_
STAT
Reversed Reversed
Default
0
0
0
0
0
0
0
0
Read/
Write
R
R
R
R
R
R
R/W
R/W
LDSWREG_STAT
Load switch warning. LDSW output current regulation loop active
0 : LDSW output current regulation loop is not active
1 : LDSW output current regulation loop is active
USBOUTLD_STAT
USBOUT light load indicator
0 : USBOUT loading > USBOUTLC_LVL or disable
1 : USBOUT loading < USBOUTLC_LVL
VBUS_STAT
VBUS connection status
0 : VBUS has no adapter connect (VBUS < VBUS_POR)
1 : VBUS has adapter connect (VBUS > UVLO & VBUS > ISENSN + VSLP)
USBOUT_STAT
USBOUT device connection status
0 : USBOUT has no device connect
1 : USBOUT has device connect
VDDAUVP_STAT
VDDA under voltage protect, disable SWCHG, LDSW, DCP Control, Adapter Detection, ADC and TS driver
when VDDAUVP is occur.
0 : VDDA UVP is not trigger
1 : VDDA UVP is trigger
LDSW_STAT
Load switch status
0 : Load switch is turn off
1 : Load switch is turn on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com