Electronic Components Datasheet Search
  English  ▼

X  

RT9481 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 4Page - Richtek Technology Corporation RT9481 Datasheet HTML 5Page - Richtek Technology Corporation RT9481 Datasheet HTML 6Page - Richtek Technology Corporation RT9481 Datasheet HTML 7Page - Richtek Technology Corporation RT9481 Datasheet HTML 8Page - Richtek Technology Corporation RT9481 Datasheet HTML 9Page - Richtek Technology Corporation RT9481 Datasheet HTML 10Page - Richtek Technology Corporation RT9481 Datasheet HTML 11Page - Richtek Technology Corporation RT9481 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
8
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Battery Voltage Regulation
Battery Voltage Regulation
VBATREG
Optional 3.65V to 4.6V by I2C
per 25mV (Default value is
4.2V)
3.65
--
4.6
V
VBATREG Accuracy
1
--
1
%
Re-Charge Threshold
ΔVREG
VISENSN Falling,
VREG = (VBATREG VREC)
50
125
200
mV
Re-Charge Deglitch Time
tREC
--
128
--
ms
Charging Current Regulation
Output Charging Current
ICHG
RSENSE = 10m,
Optional 0.7A to 2.7A by I2C
per 0.25A (Default value is
0.7A)
0.7
--
2.7
A
ICHG Accuracy
ICHG_ACC
RSENSE = 10m
100
--
100
mA
Pre-Charge Threshold
VPREC
Rising,
Optional 2.3V to 3.8V by I2C
per 0.1V (Default value is 3V)
2.3
--
3.8
V
VPREC Accuracy
5
--
5
%
Pre-Charge Current
IPREC
Optional 200mA to 500mA by
I2C per 100mA (Default value is
300mA)
200
--
500
mA
IPREC Accuracy
20
--
20
%
Charge Termination Detection
End of Charge Current
IEOC
RSENSE = 10m,
Optional 150mA to 600mA by
I2C (Default value is 200mA)
150
--
600
mA
IEOC Accuracy
RSENSE = 10m
100
--
100
mA
Deglitch Time for EOC
tEOC
ICHG < IEOC, VISENSN >
(VBATREG  VREG)
Optional 4ms to 32ms by I2C
(Default value is 32ms)
4
--
32
ms
Charger Timer Protection
Fast-Charge Time-Out
Optional 6Hrs to 20Hrs by I2C
per 2Hrs (Default value is
20Hrs)
6
--
20
Hrs
Pre-Charge Time-Out
Optional 30Mins to 60Mins by
I2C per 15Mins (Default value is
60Mins)
30
--
60
Mins
PWM Switching Charger
VBUS to LX Resistance
R DS(ON)_
VBUS_LX
From VBUS to LX, as IAICR
disable or IAICR = 2A
--
97
--
m
VBUS to USBOUT
Resistance
R DS(ON)_
VBUS_USBOUT
From VBUS to USBOUT
--
98
--
m
Low-Side On-Resistance
RDS(ON)_LS
From LX to PGND
--
35
--
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com