Electronic Components Datasheet Search
  English  ▼

X  

RT9481 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 12Page - Richtek Technology Corporation RT9481 Datasheet HTML 13Page - Richtek Technology Corporation RT9481 Datasheet HTML 14Page - Richtek Technology Corporation RT9481 Datasheet HTML 15Page - Richtek Technology Corporation RT9481 Datasheet HTML 16Page - Richtek Technology Corporation RT9481 Datasheet HTML 17Page - Richtek Technology Corporation RT9481 Datasheet HTML 18Page - Richtek Technology Corporation RT9481 Datasheet HTML 19Page - Richtek Technology Corporation RT9481 Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
16
Table 6. LBP Register Setting Table
LBP[2:0]
Low Battery Protection Level
000
2.5V
001
2.6V
010
2.7V
011
2.8V
100
2.9V
101
3V (default)
110
3.1V
111
3.2V
USB Battery Charging Specification
The RT9481 supports adapter detection for dedicated
charging port, Charging downstream port and Standard
downstream port by D- and D+.
USB Dedicated Charging Port Controller
The RT9481 supports an USB dedicated charging port
(DCP) controller. The DCP controller detects USB data
line voltage, and automatically provides the correct
electrical signatures on the data lines (DM and DP) to
charge compliant devices.
IRQ and STA Operation
RT9481 summarize all IRQ items in the register table.
All IRQ_status registers are implemented as reset after
read. If IRQ_enable bit is Low, the IRQ_status bit will
not update status. IRQ_enable will mask IRQ_status to
trigger IRQ Low, so the system can decide which
interrupt is necessary.
When STA low to high or high to low IRQ will be trigger
but STA will keep situation and cannot be masked only
mask IRQ.
REG : TSDI
PIN : INT
Event : TSD
REG : TSDIM
0: Not Mask Event
1: Mask Event
Event is not mask
For CHG_STA2, CHG_STA3 and MISC_STA2 register
REG : CHG_STA2_ALT
I
2
C Read Clear
Interrupt is mask
I
2
C Read Clear
REG : IEOCI
PIN : INT
Event : IEOC
REG : IEOCIM
I2C Read Clear
0: Not Mask Event
1: Mask Event
Flag is mask
For CHG_IRQ and MISC_IRQ register
Figure 1. IRQ and STA Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com