Electronic Components Datasheet Search
  English  ▼

X  

RT9481 Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 15Page - Richtek Technology Corporation RT9481 Datasheet HTML 16Page - Richtek Technology Corporation RT9481 Datasheet HTML 17Page - Richtek Technology Corporation RT9481 Datasheet HTML 18Page - Richtek Technology Corporation RT9481 Datasheet HTML 19Page - Richtek Technology Corporation RT9481 Datasheet HTML 20Page - Richtek Technology Corporation RT9481 Datasheet HTML 21Page - Richtek Technology Corporation RT9481 Datasheet HTML 22Page - Richtek Technology Corporation RT9481 Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
19
Yes
No
Yes
No
No
Yes
Boost Mode Starts
Check Device Attached
USBOUT_STAI (MISC_STA2[4]) = 1?
Check Boost Fault?
User Boost Setting
and
Turn on Boost
OPA_MODE (CHG_CTRL1[0]) = 1
SWITCHING_EN (CHG_STA1[0]) = 1
Check Boost Soft-Start Finish
and
Turn on Load Switch and DCP Controller
EN_LDSW (USBOUT_CTL[6]) = 1
EN_DCP (USBOUT_CTL[7]) = 1
Turn on USBOUT Light Load Detection
Delay time(tULD > 100ms) then
set USBOUTLD_LVL (USBOUT_CTL[5:3])
Boost Fault? or
USBOUT Light Load ?
Boost Terminate
Figure 3. Boost Mode Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com