Electronic Components Datasheet Search
  English  ▼

X  

RT9481 Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 23Page - Richtek Technology Corporation RT9481 Datasheet HTML 24Page - Richtek Technology Corporation RT9481 Datasheet HTML 25Page - Richtek Technology Corporation RT9481 Datasheet HTML 26Page - Richtek Technology Corporation RT9481 Datasheet HTML 27Page - Richtek Technology Corporation RT9481 Datasheet HTML 28Page - Richtek Technology Corporation RT9481 Datasheet HTML 29Page - Richtek Technology Corporation RT9481 Datasheet HTML 30Page - Richtek Technology Corporation RT9481 Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
27
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Charger
Control 3
0X03
Meaning
Boost _CV[5:0]
TREG_SEL[1:0]
Default
1
1
1
0
1
1
0
1
Read/
Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Boost _CV[5:0]
Define Boost regulation voltage. The delta-V of the Boost voltage is 25mV. The default voltage is 5.1V.
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
000000
3.625V
010000
4.025V
100000
4.425V
110000
4.825V
000001
3.65V
010001
4.05V
100001
4.45V
110001
4.85V
000010
3.675V
010010
4.075V
100010
4.475V
110010
4.875V
000011
3.7V
010011
4.1V
100011
4.5V
110011
4.9V
000100
3.725V
010100
4.125V
100100
4.525V
110100
4.925V
000101
3.75V
010101
4.15V
100101
4.55V
110101
4.95V
000110
3.775V
010110
4.175V
100110
4.575V
110110
4.975V
000111
3.8V
010111
4.2V
100111
4.6V
110111
5V
001000
3.825V
011000
4.225V
101000
4.625V
111000
5.025V
001001
3.85V
011001
4.25V
101001
4.65V
111001
5.05V
001010
3.875V
011010
4.275V
101010
4.675V
111010
5.075V
001011
3.9V
011011
4.3V
101011
4.7V
111011
5.1V (default)
001100
3.925V
011100
4.325V
101100
4.725V
111100
5.125V
001101
3.95V
011101
4.35V
101101
4.75V
111101
5.15V
001110
3.975V
011110
4.375V
101110
4.775V
111110
5.175V
001111
4V
011111
4.4V
101111
4.8V
111111
5.2V
Boost : 3.625 + Boost _CV x 0.025V, Boost max.: 5.2V
TREG_SEL[1:0]
Define thermal regulation level
00 : 100
C
01 : 120
C (default)
10 : 135
C
11 : 135
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com