Electronic Components Datasheet Search
  English  ▼

X  

RT9481 Datasheet(PDF) 40 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 40 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 33Page - Richtek Technology Corporation RT9481 Datasheet HTML 34Page - Richtek Technology Corporation RT9481 Datasheet HTML 35Page - Richtek Technology Corporation RT9481 Datasheet HTML 36Page - Richtek Technology Corporation RT9481 Datasheet HTML 37Page - Richtek Technology Corporation RT9481 Datasheet HTML 38Page - Richtek Technology Corporation RT9481 Datasheet HTML 39Page - Richtek Technology Corporation RT9481 Datasheet HTML 40Page - Richtek Technology Corporation RT9481 Datasheet HTML 41Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
40
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
WDT_
CTRL
0X2B
Meaning
WDT_ EN
Reversed
WDT
Reversed
Reversed
Reversed
WDT_
REFR
ESH
Default
0
0
0
0
0
0
0
0
Read/
Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
W
WDT_EN
WDT enable control
0 : WDT disable (default)
1 : WDT enable
WDT
Watch Dog Timer, it will reset whole chip when time out
00 : 8 second (default)
01 : 16 second
10 : 32 second
11 : 64 second
WDT_REFRESH
Watch Dog Timer refresh
0 : No action
1 : Refresh watch dog timer
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
LDSW_
ILIM_FUSE
0X2C
Meaning
Reversed
Reversed
LDSW_ILIM_FUSE
Default
0
0
0
0
0
0
0
0
Read
R
R
R
R
R
R
R
R
LDSW_ILIM_FUSE
Report the fuse setting of LDSW current regulation
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
LDSW_
ILIM_CTRL
0X2D
Meaning
LDSW_ILIM_LVL
LDSW_ILIM_CTRL
Default
0
1
1
0
0
0
0
0
Read/
Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LDSW_ILIM_LVL
LDSW current regulation
00 : Min = 1.0A, TYP = 2.0A, MAX = 3.0A
01 : Min = 1.5A, TYP = 2.5A, MAX = 3.5A
10 : Min = 2.0A, TYP = 3.0A, MAX = 4.0A
LDSW_ILIM_CTRL
LDSW current regulation setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com