Electronic Components Datasheet Search
  English  ▼

X  

RT9481 Datasheet(PDF) 26 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 26 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 22Page - Richtek Technology Corporation RT9481 Datasheet HTML 23Page - Richtek Technology Corporation RT9481 Datasheet HTML 24Page - Richtek Technology Corporation RT9481 Datasheet HTML 25Page - Richtek Technology Corporation RT9481 Datasheet HTML 26Page - Richtek Technology Corporation RT9481 Datasheet HTML 27Page - Richtek Technology Corporation RT9481 Datasheet HTML 28Page - Richtek Technology Corporation RT9481 Datasheet HTML 29Page - Richtek Technology Corporation RT9481 Datasheet HTML 30Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
26
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Charger
Control 2
0X02
Meaning
CHG_CV[5:0]
Reversed
Reversed
Default
0
1
0
1
1
0
0
0
Read/
Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CHG_CV[5:0]
Define battery regulation voltage. The delta-V of the Battery regulation voltage is 25mV. The default voltage is
4.2V.
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
000000
3.65V
010000
4.05V
100000
4.45V
110000
4.6V
000001
3.675V
010001
4.075V
100001
4.475V
110001
4.6V
000010
3.7V
010010
4.1V
100010
4.5V
110010
4.6V
000011
3.725V
010011
4.125V
100011
4.525V
110011
4.6V
000100
3.75V
010100
4.15V
100100
4.55V
110100
4.6V
000101
3.775V
010101
4.175V
100101
4.575V
110101
4.6V
000110
3.8V
010110
4.2V
(default)
100110
4.6V
110110
4.6V
000111
3.825V
010111
4.225V
100111
4.6V
110111
4.6V
001000
3.85V
011000
4.25V
101000
4.6V
111000
4.6V
001001
3.875V
011001
4.275V
101001
4.6V
111001
4.6V
001010
3.9V
011010
4.3V
101010
4.6V
111010
4.6V
001011
3.925V
011011
4.325V
101011
4.6V
111011
4.6V
001100
3.95V
011100
4.35V
101100
4.6V
111100
4.6V
001101
3.975V
011101
4.375V
101101
4.6V
111101
4.6V
001110
4V
011110
4.4V
101110
4.6V
111110
4.6V
001111
4.025V
011111
4.425V
101111
4.6V
111111
4.6V
CHG : 3.65V + CHG_CV x 0.025V, max. : 4.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com