Electronic Components Datasheet Search
  English  ▼

X  

RT9481 Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 13Page - Richtek Technology Corporation RT9481 Datasheet HTML 14Page - Richtek Technology Corporation RT9481 Datasheet HTML 15Page - Richtek Technology Corporation RT9481 Datasheet HTML 16Page - Richtek Technology Corporation RT9481 Datasheet HTML 17Page - Richtek Technology Corporation RT9481 Datasheet HTML 18Page - Richtek Technology Corporation RT9481 Datasheet HTML 19Page - Richtek Technology Corporation RT9481 Datasheet HTML 20Page - Richtek Technology Corporation RT9481 Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
17
Read Adapter Type
Read ADAPTER_STAI (MISC_STA1[6:5])
when ADAPTER_DONEI (MISC_IRQ[6]) = 1
Check Adapter Attached
VBUS_STAI (MISC_STA2[5])=1?
Yes
Charger Terminate
No
No
Yes
No
Yes
Check Charger Fault?
User Charger Setting
and
Turn on Charger
OPA_MODE (CHG_CTRL1[0]) = 0
SWITCHING_EN (CHG_STA1[0]) = 1
EOC? or
Charger fault? or
Adapter detached?
Charger Mode Starts
Figure 2. Charger Mode Flow
Charger Mode Flow
The Charger mode is start from adapter attached, the flag
of VBUS_STAI (MISC_STA2[5]) will be set to high and
the host can read this bit to check adapter attached or not.
Then adapter type detection will auto start to detect the
type of adapter with BC1.2 standard. Its detection result is
show in the flag ADAPTER_STAI (MISC_STA1[6:5])
when ADAPTER_DONE (MISC_IRQ[6]) is set.
The host could decide the user Charger setting by
adapter type, like AICR or ICHG etc… For example,
set IAICR to 0.5A, if the adapter type is SDP. Set
IAICR to 1.5A, if the adapter type is CDP or DCP.
If there is no Charger fault event triggered in registers
CHG_STAT1 or CHG_STAT2, the host can decide to
turn on Charger or not. Set user Charger setting from
registers CHG_CTRL1 to CHG_CTRL6 before turn on
Charger. Please refer to I2C register map for detailed
functional setting. To enable Charger by setting
OPA_MODE (CHG_CTRL1[0]) to low and setting
SWITCHING_EN (CHG_STA1[0]) to high.
When charging is start the host can check CHG_STAT
(CHG_STA1[5]) to make sure the charging is in
progress.
If system want to implement the charge and bypass
feature, the host can set EN_LDSW (USBOUT_CTL[6])
to high to turn on Load Switch and set EN_DCP
(USBOUT_CTL[7]) to high to turn on DCP Controller,
then the power of adapter could bypass to device
when battery is under charging.
Charger Terminate
There are three conditions to terminate Charger and
the host could set SWITCHING_EN (CHG_STA1[0]) to
low to turn off Charger.
End of Charge (EOC)
Set TE (CHG_CTRL1[1]) to high to enable Termination
function, then the Charger will terminate automatically
and CHTERMI (CHG_IRQ[7]) is set to high when the
charging current is below IEOC (CHG_CTRL5[2:0])
and charging voltage is above re-charge threshold.
The host could turn on Charger again when CHRCHGI
(CHG_IRQ[5]) is set.
Charger Fault
The Charger automatically terminates when Charger fault
event be triggered in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com