Electronic Components Datasheet Search
  English  ▼

X  

RT9481 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 10Page - Richtek Technology Corporation RT9481 Datasheet HTML 11Page - Richtek Technology Corporation RT9481 Datasheet HTML 12Page - Richtek Technology Corporation RT9481 Datasheet HTML 13Page - Richtek Technology Corporation RT9481 Datasheet HTML 14Page - Richtek Technology Corporation RT9481 Datasheet HTML 15Page - Richtek Technology Corporation RT9481 Datasheet HTML 16Page - Richtek Technology Corporation RT9481 Datasheet HTML 17Page - Richtek Technology Corporation RT9481 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
14
Table 2. VPREC Register Setting Table
VPREC[2:0]
Pre-Charge Threshold
0000
2.3V
0001
2.4V
0010
2.5V
0011
2.6V
0100
2.7V
0101
2.8V
0110
2.9V
0111
3V (default)
1000
3.1V
1001
3.2V
1010
3.3V
1011
3.4V
1100
3.5V
1101
3.6V
1110
3.7V
1111
3.8V
Table 3. IPREC Register Setting Table
IPREC[1:0]
Pre-Charge Current
00
200mA
01
300mA (default)
10
400mA
11
500mA
Fast-Charge Mode and Settings
As the ISENSN pin rises above VPREC, the charger
enters fast-charge mode and starts switching. Notice
that the switching charger does not integrate input
power source (AC adapter or USB input) detection.
Thus, the switching charger does not set the charge
current automatically. Unlike the linear charger (LDO),
the switching charger (Buck converter) is a current
amplifier. The current drawn by the switching charger
is different from the current into the battery. The user
can set the Average Input Current Regulation (AICR)
and output charge current (ICHRG) respectively.
Cycle-by-Cycle Current Limit
The
charger
of
the
switching
charger
has
an
embedded cycle-by-cycle current limit for inductor.
Once the inductor current touches the threshold, the
charger stops charging immediately to prevent over
current from damaging the device. Notice that, the
mechanism cannot be disabled by any way.
Average Input Current Regulation (AICR)
The AICR levels are 100mA to 2A programmed by I2C
per 50mA.
Charge Current (ICHRG)
The charge current into the battery is determined by
the sense resistor (RSENSE) and ICC setting by I
2C.
The voltage between the ISENSP and ISENSN pins is
regulated to the voltage control by ICC setting.
As the RSENSE is 10m, the Fast-Charge currents are
700mA to 2.7A programmed by I2C per 250mA.
Table 4. ICHG Register Setting Table
ICHG[3:0]
VCC
ICHG RSENSE is 10m
0000
7mV
0.7A (default)
0001
9.5mV
0.95A
0010
12mV
1.2A
0011
14.5mV
1.45A
0100
17mV
1.7A
0101
1.95mV
1.95A
0110
2.2mV
2.2A
0111
2.45mV
2.45A
1000
2.7mV
2.7A
Constant Voltage Mode and Settings
The switching charger enters constant voltage mode
when the VBAT voltage is close to the output-charge
voltage (VBATREG). Once in this mode, the charge
current begins to decrease. For default settings
(charge current termination is disabled), the switching
charger does not turn off and always regulates the
battery voltage at VBATREG. However, once the charge
current termination is enabled, the charger terminates
if the charge current is below termination current (IEOC)
in
constant-voltage
mode.
The
charge
current
termination function is controlled by the I2C interface.
After termination, a new charge cycle restarts when
one of the following conditions is detected :
The ISENSN pin voltage falls below the VBATREG as
VREC threshold.
VBUS Power On Reset (POR).
Enable bit toggle or Charger reset (via I2C interface).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com