Electronic Components Datasheet Search
  English  ▼

X  

RT9481 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 11Page - Richtek Technology Corporation RT9481 Datasheet HTML 12Page - Richtek Technology Corporation RT9481 Datasheet HTML 13Page - Richtek Technology Corporation RT9481 Datasheet HTML 14Page - Richtek Technology Corporation RT9481 Datasheet HTML 15Page - Richtek Technology Corporation RT9481 Datasheet HTML 16Page - Richtek Technology Corporation RT9481 Datasheet HTML 17Page - Richtek Technology Corporation RT9481 Datasheet HTML 18Page - Richtek Technology Corporation RT9481 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
15
Output Charge Voltage (VBATREG)
The output-charge voltage is set by the I2C interface.
Its range is from 3.65V to 4.6V per 25mV.
Termination Current (IEOC)
If the charger current termination is enabled (TE bit =
“1”), the end-of-charge current is determined by both
the termination current sense voltage (VEOC) and
sense resistor (RSENSE). As RSENSE is 10m, IEOC is
set by the I2C interface from 150mA to 600mA.
Table 5. EOC Register Setting Table
EOC[2:0]
VEOC
IEOC RSENSE is 10m
000
Disable
Disable
001
1.5mV
150mA
010
2mV
200mA (default)
011
2.5mV
250mA
100
3mV
300mA
101
4mV
400mA
110
5mV
500mA
111
6mV
600mA
Input Voltage Protection in Charge Mode
During
charge
mode,
there
are
two
protection
mechanisms against if input power source capability is
less than the charging current setting. One is AICR
and the other is minimum input voltage regulation. A
suitable level of AICR can prevent VBUS drop by the
insufficient capability. As the AICR setting is not
suitable, MIVR will regulate the VBUS in the setting
level and sink the maximum current of power source.
Sleep Mode (VVBUS VVBAT < VSLP)
The switching charger enters sleep mode if the voltage
drop between the VBUS and ISENSN pins falls below
VSLP. In sleep mode, the reverse blocking switch and
PWM are all turned off. This function prevents battery
drain during poor or no input power source.
Input Over Voltage Protection
When VBUS rises above the input over voltage
threshold, the switching charger stops charging and
then sets fault status bits. The condition is released
when VBUS falls below OVP threshold. The switching
charger then resumes charging operation.
Reverse Boost Mode Operation Trigger and
Operation
The switching charger features Boost support. When
BOOST function is enabled, the synchronous boost
control loop takes over the power MOSFETs. In boost
mode, the VMID pin is regulated to 5V (typ.) to support
other BOOST devices connected to the USB connector.
Output Over-Voltage Protection
In boost mode, the output over voltage protection is
triggered when the VMID voltage is above the output
OVP threshold. When OVP occurs, the boost converter
stops switching and turns off immediately.
Battery Protection
Battery Over-Voltage Protection in Charge Mode
The switching charger monitors the VBAT voltage for
output over voltage protection. In charge mode, if the
VBAT voltage rises above VOVP_BAT x VBATREG, such
as when the battery is suddenly removed, the
switching charger stops charging and then sets fault
status bits and sends out fault pulse at the INT pin.
The condition is released when the VBAT voltage falls
below (VOVP_BAT  VOVP_BAT) x VOVP_BAT. The
switching charger then resumes charging process with
default settings and the fault is cleared.
Low Battery Voltage Protection (LBP)
When the Battery voltage is lower than a specified
value, the converter will stop switching. Until the
battery voltage rises above the low battery voltage
protection threshold plus hysteresis voltage value, the
converter resumes switching. The low battery voltage
protection can be programmed with 8 different levels
(2.5V to 3.2V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com