Electronic Components Datasheet Search
  English  ▼

X  

MAX1421 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1421
Description  12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1421 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1421 Datasheet HTML 4Page - Maxim Integrated Products MAX1421 Datasheet HTML 5Page - Maxim Integrated Products MAX1421 Datasheet HTML 6Page - Maxim Integrated Products MAX1421 Datasheet HTML 7Page - Maxim Integrated Products MAX1421 Datasheet HTML 8Page - Maxim Integrated Products MAX1421 Datasheet HTML 9Page - Maxim Integrated Products MAX1421 Datasheet HTML 10Page - Maxim Integrated Products MAX1421 Datasheet HTML 11Page - Maxim Integrated Products MAX1421 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
12-Bit, 40Msps, +3.3V, Low-Power ADC
with Internal Reference
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VAVDD = VDVDD = +3.3V, AGND = DGND = 0, VIN = ±1.024V, differential input voltage, fCLK = 40MHz (50% duty cycle), digital output
load CL = 10pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
90
80
70
60
50
10
26
18
34
SFDR, SNR, THD, SINAD
vs. CLOCK FREQUENCY
CLOCK FREQUENCY (MHz)
fIN = 5MHz
SINAD
SNR
SFDR
THD
0
10,000
5000
20,000
15,000
25,000
30,000
N-1
N+2
OUTPUT NOISE HISTOGRAM (DC-INPUT)
DIGITAL OUTPUT NOISE
N-3
N
N+1
N+3
43707
10709
116
1
0
10824
179
N-2
40,000
35,000
45,000
50,000
2.00
2.02
2.06
2.04
2.08
2.10
-40
10
-15
35
60
85
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
2.0750
2.0625
2.0500
2.0375
2.0250
3.1
3.3
3.2
3.4
INTERNAL REFERENCE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
VDD (V)
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com