Electronic Components Datasheet Search
  English  ▼

X  

MAX1421 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1421
Description  12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1421 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1421 Datasheet HTML 5Page - Maxim Integrated Products MAX1421 Datasheet HTML 6Page - Maxim Integrated Products MAX1421 Datasheet HTML 7Page - Maxim Integrated Products MAX1421 Datasheet HTML 8Page - Maxim Integrated Products MAX1421 Datasheet HTML 9Page - Maxim Integrated Products MAX1421 Datasheet HTML 10Page - Maxim Integrated Products MAX1421 Datasheet HTML 11Page - Maxim Integrated Products MAX1421 Datasheet HTML 12Page - Maxim Integrated Products MAX1421 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
12-Bit, 40Msps, +3.3V, Low-Power ADC
with Internal Reference
_______________________________________________________________________________________
9
PIN
NAME
FUNCTION
1, 4, 5, 8,
9, 12, 13,
16, 19, 41,
48
AGND
Analog Ground. Connect all return paths for analog signals to AGND.
2, 3, 10,
11, 14, 15,
20, 42, 47
AVDD
Analog Supply Voltage. For optimum performance bypass to the closest AGND with a parallel
combination of a 0.1
µF and a 1nF capacitor. Connect a single 10µF and 1µF capacitor combination
between AVDD and AGND.
6
INP
Positive Analog Signal Input
7
INN
Negative Analog Signal Input
17
CLK
Clock Frequency Input. Clock frequency input ranges from 100kHz to 40MHz.
18
CLK
Complementary Clock Frequency Input. This input is used for differential clock inputs. If the ADC is
driven with a single-ended clock, bypass
CLK with a 0.1
µF capacitor to AGND.
21, 31, 32,
DVDD
Digital Supply Voltage. For optimum performance bypass, to the closest DGND with a parallel
combination of a 0.1
µF and a 1nF capacitor. Connect a single 10µF and 1µF capacitor combination
between DVDD and DGND.
22, 29, 30
DGND
Digital Ground
23–28
D0–D5
Digital Data Outputs. Data bits D0 through D5, where D0 represents the LSB.
33–38
D6–D11
Digital Data Outputs. D6 through D11, where D11 represents the MSB.
39
OE
Output Enable Input. A logic “1” on
OE places the outputs D0–D11 into a high-impedance state. A
logic “0” allows for the data bits to be read from the outputs.
40
PD
Shutdown Input. A logic “1” on PD places the ADC into shutdown mode.
43
REFIN
External Reference Input. Bypass to AGND with a capacitor combination of 0.22
µF in parallel with
1nF. REFIN can be biased externally to adjust reference levels and calibrate full-scale errors. To
disable the internal reference, connect REFIN to AGND.
44
REFP
Positive Reference I/O. Bypass to AGND with a capacitor combination of 0.22
µF in parallel with 1nF.
With the internal reference disabled (REFIN = AGND), REFP should be biased to VCML + VDIFF / 2.
45
REFN
Negative Reference I/O. Bypass to AGND with a capacitor combination of 0.22
µF in parallel with 1nF.
With the internal reference disabled (REFIN = AGND), REFN should be biased to VCML - VDIFF / 2.
46
CML
Common-Mode Level Input. Bypass to AGND with a capacitor combination of 0.22
µF in parallel
with 1nF. With the internal reference disabled (REFIN = AGND).
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com