Electronic Components Datasheet Search
  English  ▼

X  

MAX1421 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1421
Description  12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1421 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1421 Datasheet HTML 9Page - Maxim Integrated Products MAX1421 Datasheet HTML 10Page - Maxim Integrated Products MAX1421 Datasheet HTML 11Page - Maxim Integrated Products MAX1421 Datasheet HTML 12Page - Maxim Integrated Products MAX1421 Datasheet HTML 13Page - Maxim Integrated Products MAX1421 Datasheet HTML 14Page - Maxim Integrated Products MAX1421 Datasheet HTML 15Page - Maxim Integrated Products MAX1421 Datasheet HTML 16Page - Maxim Integrated Products MAX1421 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Total Harmonic Distortion (THD)
THD is typically the ratio of the RMS sum of the first four
harmonics of the input signal to the fundamental itself.
This is expressed as:
where V1 is the fundamental amplitude, and V2 through
V5 are the amplitudes of the 2nd- through 5th-order har-
monics.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio expressed in decibels of the RMS
amplitude of the fundamental (maximum signal compo-
nent) to the RMS value of the next largest spurious
component, excluding DC offset.
Intermodulation Distortion (IMD)
The two-tone IMD is the ratio expressed in decibels of
either input tone to the worst 3rd-order (or higher) inter-
modulation products. The individual input tone levels
are at -6.5dB full scale and their envelope is at -0.5dB
full scale.
THD
VVVV
V1
=×
+++
()
20
10
2
2
3
2
4
2
5
2
log
12-Bit, 40Msps, +3.3V, Low-Power ADC
with Internal Reference
16
______________________________________________________________________________________
CLK
INP
INTERFACE
PIPELINE ADC
OUTPUT
DRIVERS
REFIN REFP CML REFN
OE
AVDD
AGND
DVDD
DGND
D11–D0
INN
PD
T/H
MAX1421
BANDGAP
REFERENCE
CLK
REF SYSTEM +
BIAS
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com