Electronic Components Datasheet Search
  English  ▼

X  

MAX1421 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1421
Description  12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1421 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1421 Datasheet HTML 1Page - Maxim Integrated Products MAX1421 Datasheet HTML 2Page - Maxim Integrated Products MAX1421 Datasheet HTML 3Page - Maxim Integrated Products MAX1421 Datasheet HTML 4Page - Maxim Integrated Products MAX1421 Datasheet HTML 5Page - Maxim Integrated Products MAX1421 Datasheet HTML 6Page - Maxim Integrated Products MAX1421 Datasheet HTML 7Page - Maxim Integrated Products MAX1421 Datasheet HTML 8Page - Maxim Integrated Products MAX1421 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX1421 is a +3.3V, 12-bit analog-to-digital con-
verter (ADC), featuring a fully-differential input,
pipelined, 12-stage ADC architecture with wideband
track-and-hold (T/H) and digital error correction incor-
porating a fully-differential signal path. The MAX1421 is
optimized for low-power, high-dynamic performance
applications in imaging and digital communications.
The converter operates from a single +3.3V supply,
consuming only 188mW while delivering a typical sig-
nal-to-noise ratio (SNR) of 66dB at an input frequency
of 15MHz and a sampling frequency of 40Msps. The
fully-differential input stage has a small signal -3dB
bandwidth of 400MHz and may be operated with sin-
gle-ended inputs.
An internal +2.048V precision bandgap reference sets
the full-scale range of the ADC. A flexible reference
structure accommodates an internal or externally
applied buffered or unbuffered reference for applica-
tions requiring increased accuracy or a different input
voltage range.
In addition to low operating power, the MAX1421 fea-
tures two power-down modes, a reference power-down
and a shutdown mode. In reference power-down, the
internal bandgap reference is deactivated, resulting in
a typical 2mA supply current reduction. For idle peri-
ods, a full shutdown mode is available to maximize
power savings.
The MAX1421 provides parallel, offset binary, CMOS-
compatible three-state outputs.
The MAX1421 is available in a 7mm x 7mm, 48-pin
TQFP package, and is specified over the commercial
(0°C to +70°C) and the extended industrial (-40°C to
+85°C) temperature ranges.
Pin-compatible higher- and lower-speed versions of the
MAX1421 are also available. Please refer to the
MAX1420 data sheet for a frequency of 60Msps and
the MAX1422 data sheet for a frequency of 20Msps.
________________________Applications
Medical Ultrasound Imaging
CCD Pixel Processing
Data Acquisition
Radar
IF and Baseband Digitization
Features
o Single +3.3V Power Supply
o 67dB SNR at fIN = 5MHz
o 66dB SNR at fIN = 15MHz
o Internal, +2.048V Precision Bandgap Reference
o Differential, Wideband Input T/H Amplifier
o Power-Down Modes
180mW (Reference Shutdown Mode)
10µW (Shutdown Mode)
o Space-Saving 48-Pin TQFP Package
12-Bit, 40Msps, +3.3V, Low-Power ADC
with Internal Reference
________________________________________________________________ Maxim Integrated Products
1
D9
D8
D7
D6
DVDD
DVDD
DGND
DGND
D5
D4
D3
D2
AGND
AVDD
AVDD
AGND
AGND
INP
INN
AGND
AGND
AVDD
AVDD
AGND
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
48-TQFP
MAX1421
Pin Configuration
19-1900; Rev 0; 5/01
Ordering Information
48 TQFP
PIN-PACKAGE
TEMP. RANGE
0°C to +70°C
MAX1421CCM
PART
Functional Diagram appears at end of data sheet.
48 TQFP
-40°C to +85°C
MAX1421ECM
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1421

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1421 MAXIM-MAX1421 Datasheet
235Kb / 6P
Easy Data Capture Configuration
Rev 0; 5/01
MAX1421CCM MAXIM-MAX1421CCM Datasheet
571Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
MAX1421ECM MAXIM-MAX1421ECM Datasheet
571Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
MAX1421ECM+ MAXIM-MAX1421ECM+ Datasheet
571Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
More results

Similar Description - MAX1421

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
MAX191 MAXIM-MAX191 Datasheet
227Kb / 24P
Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
19-4506; Rev 4; 2/97
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com