Electronic Components Datasheet Search
  English  ▼

X  

MAX1421 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1421
Description  12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1421 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1421 Datasheet HTML 1Page - Maxim Integrated Products MAX1421 Datasheet HTML 2Page - Maxim Integrated Products MAX1421 Datasheet HTML 3Page - Maxim Integrated Products MAX1421 Datasheet HTML 4Page - Maxim Integrated Products MAX1421 Datasheet HTML 5Page - Maxim Integrated Products MAX1421 Datasheet HTML 6Page - Maxim Integrated Products MAX1421 Datasheet HTML 7Page - Maxim Integrated Products MAX1421 Datasheet HTML 8Page - Maxim Integrated Products MAX1421 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
12-Bit, 40Msps, +3.3V, Low-Power ADC
with Internal Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = +3.3V, AGND = DGND = 0, VIN = ±1.024V, differential input voltage at -0.5dB FS, internal reference,
fCLK = 40MHz (50% duty cycle), digital output load CL
≈ 10pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Reference Voltage
Range
VDIFF
VDIFF = VREFP - VREFN
1.024
±10%
V
CML Input Voltage Range
VCML
1.65
±10%
V
REFP Input Voltage Range
VREFP
VCML +
VDIFF/2
V
REFN Input Voltage Range
VREFN
VCML -
VDIFF/2
V
DIGITAL INPUTS (CLK,
CLK, OE, PD)
Input Logic High
VIH
0.7 ✕
VDVDD
V
Input Logic Low
VIL
0.3 ✕
VDVDD
V
CLK,
CLK
±330
PD
-20
20
Input Current
OE
-20
20
µA
Input Capacitance
10
pF
DIGITAL OUTPUTS (D0–D11)
Output Logic High
VOH
IOH = 200µA
VDVDD
- 0.5
VDVDD
V
Output Logic Low
VOL
IOL = -200µA
0
0.5
V
Three-State Leakage
-10
10
µA
Three-State Capacitance
2pF
POWER REQUIREMENTS
Analog Supply Voltage
VAVDD
3.135
3.3
3.465
V
Digital Supply Voltage
VDVDD
2.7
3.3
3.6
V
Analog Supply Current
IAVDD
52
65
mA
Analog Supply Current with
Internal Reference in Shutdown
REFIN = AGND
50
63
mA
Analog Shutdown Current
PD = DVDD
20
µA
Digital Supply Current
IDVDD
5.5
mA
Digital Shutdown Current
PD = DVDD
20
µA
Power Dissipation
PDISS
Analog power
188
214
mW
Power-Supply Rejection Ratio
PSRR
(Note 9)
±1
mV/V
TIMING CHARACTERISTICS
Clock Frequency
fCLK
Figure 5
0.1
40
MHz
Clock High
tCH
Figure 5, clock period 25ns
12.5
ns
Clock Low
tCL
Figure 5, clock period 25ns
12.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com