Electronic Components Datasheet Search
  English  ▼

X  

MAX1421 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1421
Description  12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1421 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1421 Datasheet HTML 2Page - Maxim Integrated Products MAX1421 Datasheet HTML 3Page - Maxim Integrated Products MAX1421 Datasheet HTML 4Page - Maxim Integrated Products MAX1421 Datasheet HTML 5Page - Maxim Integrated Products MAX1421 Datasheet HTML 6Page - Maxim Integrated Products MAX1421 Datasheet HTML 7Page - Maxim Integrated Products MAX1421 Datasheet HTML 8Page - Maxim Integrated Products MAX1421 Datasheet HTML 9Page - Maxim Integrated Products MAX1421 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
12-Bit, 40Msps, +3.3V, Low-Power ADC
with Internal Reference
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VAVDD = VDVDD = +3.3V, AGND = DGND = 0, VIN = ±1.024V, differential input voltage, fCLK = 40MHz (50% duty cycle), digital output
load CL = 10pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
-120
-80
-100
-40
-60
-20
0
02
4
10 12 14
16
6
8
18 20
TWO-TONE IMD, 8192-POINT RECORD,
DIFFERENTIAL INPUT
ANALOG INPUT FREQUENCY (MHz)
fIN1 = 11.5104229MHz
fIN2 = 13.5126603MHz
TWO-TONE ENVELOPE:
-0.49dB FS
AIN1 = AIN2 = -6.5dB FS
IMD2
IMD3
fIN1
fIN2
70
50
110
100
SIGNAL-TO-NOISE PLUS DISTORTION
vs. ANALOG INPUT FREQUENCY
54
ANALOG INPUT FREQUENCY (MHz)
58
62
66
20
40
30
60
50
70
80
-60
-40
-30
-50
-20
-10
0
SPURIOUS-FREE DYNAMIC RANGE
vs. INPUT POWER (fIN = 15MHz)
INPUT POWER (dB FS)
-80
-70
-50
-60
-40
-30
-60
-40
-50
-30
-20
-10
0
TOTAL HARMONIC DISTORTION
vs. INPUT POWER (fIN = 15MHz)
INPUT POWER (dB FS)
-20
0
40
20
60
80
-60
-40
-50
-30
-20
-10
0
SIGNAL-TO-NOISE PLUS DISTORTION
vs. INPUT POWER (fIN = 15MHz)
INPUT POWER (dB FS)
-50
-80
110
100
TOTAL HARMONIC DISTORTION vs.
ANALOG INPUT FREQUENCY
-74
ANALOG INPUT FREQUENCY (MHz)
-68
-62
-56
0
10
20
30
40
50
60
70
80
-60
-40
-50
-30
-20
-10
0
SIGNAL-TO-NOISE RATIO
vs. INPUT POWER (fIN = 15MHZ)
INPUT POWER (dB FS)
85
45
1
10
100
SPURIOUS-FREE DYNAMIC RANGE vs.
ANALOG INPUT FREQUENCY
53
ANALOG INPUT FREQUENCY (MHz)
61
69
77
70
50
1
10
100
SIGNAL-TO-NOISE RATIO vs.
ANALOG INPUT FREQUENCY
54
ANALOG INPUT FREQUENCY (MHz)
58
62
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com