Electronic Components Datasheet Search
  English  ▼

X  

MAX1421 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1421
Description  12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1421 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1421 Datasheet HTML 1Page - Maxim Integrated Products MAX1421 Datasheet HTML 2Page - Maxim Integrated Products MAX1421 Datasheet HTML 3Page - Maxim Integrated Products MAX1421 Datasheet HTML 4Page - Maxim Integrated Products MAX1421 Datasheet HTML 5Page - Maxim Integrated Products MAX1421 Datasheet HTML 6Page - Maxim Integrated Products MAX1421 Datasheet HTML 7Page - Maxim Integrated Products MAX1421 Datasheet HTML 8Page - Maxim Integrated Products MAX1421 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
12-Bit, 40Msps, +3.3V, Low-Power ADC
with Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVDD = VDVDD = +3.3V, AGND = DGND = 0, VIN = ±1.024V, differential input voltage at -0.5dB FS, internal reference,
fCLK = 40MHz (50% duty cycle), digital output load CL
≈ 10pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD, DVDD to AGND..............................................-0.3V to +4V
DVDD, AVDD to DGND..............................................-0.3V to +4V
DGND to AGND.....................................................-0.3V to +0.3V
INP, INN, REFP, REFN, REFIN,
CML, CLK, CLK,....................(AGND - 0.3V) to (AVDD + 0.3V)
D0–D11, OE, PD .......................(DGND - 0.3V) to (DVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
48-Pin TQFP (derate 12.5mW/°C above +70°C)........1000mW
Maximum Junction Temperature .....................................+150°C
Operating Temperature Ranges
MAX1421CCM ...................................................0°C to +70°C
MAX1421ECM ................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
RES
12
Bits
TA = +25
°C, no missing codes
-1
1
Differential Nonlinearity
DNL
TA = TMIN to TMAX
±0.5
LSB
Integral Nonlinearity
INL
TA = TMIN to TMAX
±2
LSB
Mid-scale Offset
MSO
-3
±.75
3
%FSR
Mid-scale Offset Temperature
Coefficient
MSOTC
3 ✕ 10-4
%/
°C
Internal reference (Note 1)
-5
0.1
5
External reference applied to REFIN (Note 2)
-5
±3
5
Gain Error
GE
External reference applied to REFP, CML,
and REFN (Note 3)
-1.5
±0.5
1.5
%FSR
Gain Error Temperature
Coefficient
GETC
External reference applied to REFP, CML,
and REFN, (Note 3)
15 ✕ 10-6
%/
°C
DYNAMIC PERFORMANCE (fCLK = 40MHz, 4096-point FFT)
fIN = 5MHz
67
Signal-to-Noise Ratio
SNR
fIN = 15MHz, TA = +25
°C62
66
dB
fIN = 5MHz
73
Spurious-Free Dynamic Range
SFDR
fIN = 15MHz, TA = +25
°C64
70
dBc
fIN = 5MHz
-74
Total Harmonic Distortion
THD
fIN = 15MHz, TA = +25
°C
-69
-62
dBc
fIN = 5MHz
66
Signal-To-Noise Plus Distortion
SINAD
fIN = 15MHz, TA = +25
°C
60
63.5
dB
fIN = 5MHz
10.7
Effective Number of Bits
ENOB
fIN = 15MHz, TA = +25
°C
60
10.3
Bits
Two-Tone Intermodulation
Distortion
IMDTT
fIN1 = 11.569MHz, fIN2 = 13.445MHz
(Note 4)
-80
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com