Electronic Components Datasheet Search
  English  ▼

X  

MAX1421 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1421
Description  12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1421 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1421 Datasheet HTML 1Page - Maxim Integrated Products MAX1421 Datasheet HTML 2Page - Maxim Integrated Products MAX1421 Datasheet HTML 3Page - Maxim Integrated Products MAX1421 Datasheet HTML 4Page - Maxim Integrated Products MAX1421 Datasheet HTML 5Page - Maxim Integrated Products MAX1421 Datasheet HTML 6Page - Maxim Integrated Products MAX1421 Datasheet HTML 7Page - Maxim Integrated Products MAX1421 Datasheet HTML 8Page - Maxim Integrated Products MAX1421 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
12-Bit, 40Msps, +3.3V, Low-Power ADC
with Internal Reference
_______________________________________________________________________________________
5
Note 1: Internal reference, REFIN bypassed to AGND with a combination of 0.22µF in parallel with 1nF capacitor.
Note 2: External +2.048V reference applied to REFIN.
Note 3: Internal reference disabled. VREFIN = 0, VREFP = +2.162V, VCML = +1.65V, and VREFN = +1.138V.
Note 4: IMD is measured with respect to either of the fundamental tones.
Note 5: Specifies the common-mode range of the differential input signal supplied to the MAX1421.
Note 6: VDIFF = VREFP - VREFN
Note 7: Input bandwidth is measured at a 3dB level.
Note 8: VREFIN is internally biased to +2.048V through a 10k
Ω resistor.
Note 9: Measured as the ratio of the change in mid-scale offset voltage for a ± 5% change in VAVDD using the internal reference.
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = +3.3V, AGND = DGND = 0, VIN = ±1.024V, differential input voltage at -0.5dB FS, internal reference,
fCLK = 40MHz (50% duty cycle), digital output load CL
≈ 10pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Pipeline Delay (Latency)
Figure 5
7
fCLK
cycles
Aperture Delay
tAD
Figure 9
2
ns
Aperture Jitter
tAJ
Figure 9
2
ps
Data Output Delay
tOD
Figure 5
5
10
14
ns
Bus Enable Time
tBE
Figure 4
5
ns
Bus Disable Time
tBD
Figure 4
5
ns
Typical Operating Characteristics
(VAVDD = VDVDD = +3.3V, AGND = DGND = 0, VIN = ±1.024V, differential input voltage, fCLK = 40MHz (50% duty cycle), digital output
load CL = 10pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
-120
-80
-100
-40
-60
-20
0
010
515
20
FFT PLOT, 4096-POINT RECORD,
DIFFERENTIAL INPUT
ANALOG INPUT FREQUENCY (MHz)
fIN = 7.5439934MHz
AIN = -0.45dB FS
HD3
HD2
-120
-80
-100
-40
-60
-20
0
010
515
20
FFT PLOT, 4096-POINT RECORD,
DIFFERENTIAL INPUT
ANALOG INPUT FREQUENCY (MHz)
fIN = 19.9047628MHz
AIN = -0.50dB FS
HD2
HD3
-120
-80
-100
-40
-60
-20
0
010
515
20
FFT PLOT, 4096-POINT RECORD,
DIFFERENTIAL INPUT
ANALOG INPUT FREQUENCY (MHz)
fIN = 38.5440183MHz
AIN = -0.49dB FS
HD3
HD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com