Electronic Components Datasheet Search
  English  ▼

X  

MAX1421 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1421
Description  12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1421 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1421 Datasheet HTML 3Page - Maxim Integrated Products MAX1421 Datasheet HTML 4Page - Maxim Integrated Products MAX1421 Datasheet HTML 5Page - Maxim Integrated Products MAX1421 Datasheet HTML 6Page - Maxim Integrated Products MAX1421 Datasheet HTML 7Page - Maxim Integrated Products MAX1421 Datasheet HTML 8Page - Maxim Integrated Products MAX1421 Datasheet HTML 9Page - Maxim Integrated Products MAX1421 Datasheet HTML 10Page - Maxim Integrated Products MAX1421 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
12-Bit, 40Msps, +3.3V, Low-Power ADC
with Internal Reference
Typical Operating Characteristics (continued)
(VAVDD = VDVDD = +3.3V, AGND = DGND = 0, VIN = ±1.024V, differential input voltage, fCLK = 40MHz (50% duty cycle), digital output
load CL = 10pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
64
68
76
72
80
84
-40
10
-15
35
60
85
SPURIOUS-FREE DYNAMIC RANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
fIN = 5.51502MHz
2
1
0
-1
-2
0
2048
1024
3072
4096
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
0.50
0.25
0
-0.25
-0.50
0
2048
1024
3072
4096
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
70
60
50
40
30
-40
10
-15
356085
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
12
10
8
6
4
-40
10
-15
356085
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
CL
≈ 10pF
60
62
66
64
68
70
-40
10
-15
35
60
85
SIGNAL-TO-NOISE PLUS DISTORTION
vs. TEMPERATURE
TEMPERATURE (
°C)
fIN = 5.51502MHz
0.50
0.25
0
-0.25
-0.50
-40
10
-15
35
60
85
GAIN ERROR vs. TEMPERATURE, EXTERNAL
REFERENCE (VREFIN = +2.048V)
TEMPERATURE (
°C)
60
62
66
64
68
70
-40
10
-15
35
60
85
SIGNAL-TO-NOISE RATIO
vs. TEMPERATURE
TEMPERATURE (
°C)
fIN = 5.51502MHz
-80
-78
-74
-76
-72
-70
-40
10
-15
35
60
85
TOTAL HARMONIC DISTORTION
vs. TEMPERATURE
TEMPERATURE (
°C)
fIN = 5.51502MHz
________________________________________________________________________________________
7
2
1
0
-1
-2
02048
1024
3072
4096
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com