Electronic Components Datasheet Search
  English  ▼

X  

MAX1421 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1421
Description  12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1421 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1421 Datasheet HTML 1Page - Maxim Integrated Products MAX1421 Datasheet HTML 2Page - Maxim Integrated Products MAX1421 Datasheet HTML 3Page - Maxim Integrated Products MAX1421 Datasheet HTML 4Page - Maxim Integrated Products MAX1421 Datasheet HTML 5Page - Maxim Integrated Products MAX1421 Datasheet HTML 6Page - Maxim Integrated Products MAX1421 Datasheet HTML 7Page - Maxim Integrated Products MAX1421 Datasheet HTML 8Page - Maxim Integrated Products MAX1421 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
12-Bit, 40Msps, +3.3V, Low-Power ADC
with Internal Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = +3.3V, AGND = DGND = 0, VIN = ±1.024V, differential input voltage at -0.5dB FS, internal reference,
fCLK = 40MHz (50% duty cycle), digital output load CL
≈ 10pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Gain
DG
±1%
Differential Phase
DP
±0.25
degrees
ANALOG INPUTS (INP, INN, CML)
Input Resistance
RIN
Either input to ground
32.5
k
Ω
Input Capacitance
CIN
Either input to ground
4
pF
Common-Mode Input Level,
(Note 5)
VCML
VAVDD
× 0.5
V
Common-Mode Input Voltage
Range, (Note 5)
VCMVR
VCML
±5%
V
Differential Input Range
VIN
VINP - VINN (Note 6)
±VDIFF
V
Small-Signal Bandwidth
BW-3dB
(Note 7)
400
MHz
Large-Signal Bandwidth
FPBW-3dB
(Note 7)
150
MHz
Over-Voltage Recovery
OVR
1.5 ✕ FS input
1
Clock
Cycle
INTERNAL REFERENCE (REFIN bypassed with 0.22µF in parallel with 1nF)
Common-Mode Reference Input
Voltage
VCML
At CML
VAVDD
✕ 0.5
V
Positive Reference Voltage
Range
VREFP
At REFP
VCML
+ 0.512
V
Negative Reference Voltage
Range
VREFN
At REFN
VCML
- 0.512
V
Differential Reference Voltage
Range
VDIFF
VDIFF = VREFP - VREFN
1.024
±5%
V
Differential Reference
Temperature Coefficient
REFTC
±100
ppm/
°C
EXTERNAL REFERENCE
REFIN Input Resistance
RIN
(Note 8)
5
k
Ω
REFIN Input Capacitance
CIN
10
pF
REFIN Reference Input Voltage
VREFIN
2.048
±10%
V
Differential Reference Voltage
VDIFF
VDIFF = (VREFP - VREFN)
0.95 ✕
VREFIN/2
VREFIN/2
1.05 ✕
VREFIN/2
V
EXTERNAL REFERENCE (VREFIN = AGND, reference voltage applied to REFP, REFN and CML)
REFP, REFN, CML Input Current
IIN
-200
200
µA
REFP, REFN, CML Input
Capacitance
CIN
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com