Electronic Components Datasheet Search
  English  ▼

X  

FT600 Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT600
Description  The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600 Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT600 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 14Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Copyright © 2015 Future Technology Devices International Limited
11
DS_FT600Q-FT601Q IC Datasheet/FT601 USB 3.0 to FIFO Bridge
Version 1.01
Document No.: FT_001118 Clearance No.: FTDI#424
4.2 Multi-Channel FIFO mode Protocols
This is a Slave bus and is designed to handle multi-channel connectivity. The bus protocol supports a
total of 8 channels (4 INs and 4 OUTs). CLK is the clock output from the bus slave to the bus master.
WR_N is the bus master to bus slave data transaction request signal, and it is active low.
RXF_N is the bus slave to bus master data receive acknowledge signal, and it is active low.
TXE_N (optional signal, master can ignore this signal) is the bus slave to bus master FIFO idle status
valid signal, and it is low active.
DATA[31:0] is used as the 32-bit data bus during the data transfer phase. When the bus is in the idle
state DATA[31:16], DATA[7:0] and BE[3:0] are driven to logic”1” by the bus master, and DATA[15:8] is
driven by the bus slave to provide the FIFO status to the bus master. The upper nibble (DATA[15:12])
provides the 4 OUT channels FIFO status while the lower nibble (DATA[11:8]) provides the 4 IN channels
FIFO status. They are all active low.
For example, at idle, DATA[12] is logic”0” and DATA[8] is logic”0”, which indicates USB OUT channel 1
FIFO data is available to send and USB IN channel 1 FIFO space is empty to receive data respectively.
The external bus master will start a transfer cycle by asserting WR_N based on the channel FIFO status.
The first cycle after WR_N is asserted is the command phase, followed by the data phase when RXF_N is
asserted. At the command phase, the bus master will send the channel number which it intends to
transfer data with on DATA[7:0] and the Read/Write command on BE[3:0]. BE[3:0] = ‘h0 and BE[3:0] =
‘h1 indicates a master read or write respectively. There may also be a required turn-a-round for
DATA[31:0] and BE[3:0] after the command phase and at the end of data transaction. BE[1:0] is valid
for FT600 2 byte wide data interface.
Table 4.1 shows Multi-Channel FIFO mode command phase master read/write and channel address
setting.
Command Phase
FT600 Command
BE[1:0]
FT601 Command
BE[3:0]
Channel Address
DATA[7:0]
Master Read
00
0000
8’h1=Channel 1
8’h2=Channel 2
8’h3=Channel 3
8’h4=Channel 4
Master Write
01
0001
Table 4.1 Multi-Channel FIFO mode Command phase
The waveform below shows a master read transaction of 10 bytes with FIFO data exhausted first at
channel 1. There are turn-a-round cycles for DATA[7:0], DATA[31:16] and BE[3:0] after command phase
and at the end of the data transaction. The BE[3:0] shows that the lower 2 bytes in D2 are valid at the
last word strobe in this transaction.
Figure 4.1 Multi-Channel FIFO mode master read transaction 1
IDLE
Command
phase
Data output
Bus turn
around



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com