Electronic Components Datasheet Search
  English  ▼

X  

FT600 Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # FT600
Description  The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600 Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button FT600 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 14Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 15Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 16Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Copyright © 2015 Future Technology Devices International Limited
17
DS_FT600Q-FT601Q IC Datasheet/FT601 USB 3.0 to FIFO Bridge
Version 1.01
Document No.: FT_001118 Clearance No.: FTDI#424
5.3 DC Characteristics
5.3.1
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC33/VDDA
VCC Operating Supply
Voltage
3.0
3.3
3.6
V
VCCIO_1
VCCIO Operating
Supply Voltage
3.0
3.3
3.6
V
VCCIO=3.3V
VCCIO_2
VCCIO Operating
Supply Voltage
2.3
2.5
2.7
V
VCCIO=2.5V
VCCIO_3
VCCIO Operating
Supply Voltage
1.65
1.8
1.95
V
VCCIO=1.8V
VD10/AVDD
Core/PLL Operating
Supply Voltage
0.9
1.0
1.1
V
Icc_1
VCC Operating Supply
Current
-
70
-
mA
Idle, SuperSpeed
Icc_2
VCC Operating Supply
Current
-
65
-
mA
Idle, High Speed
Icc_3
VCC Operating Supply
Current
-
185
-
mA
Active,
SuperSpeed,
Multi-Channel
FIFO mode
Icc_3
VCC Operating Supply
Current
-
4
-
mA
USB Suspend
Iccio_1
VCCIO Operating
Supply Current
-
4.5
-
mA
No data transfer
Iccio_2
VCCIO Operating
Supply Current
9.5
mA
Data transfer
Iccio_3
VCCIO Operating
Supply Current
70
μA
USB Suspend
Table 5.3 DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com