Electronic Components Datasheet Search
  English  ▼

X  

FT600 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT600
Description  The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT600 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Copyright © 2015 Future Technology Devices International Limited
4
DS_FT600Q-FT601Q IC Datasheet/FT601 USB 3.0 to FIFO Bridge
Version 1.01
Document No.: FT_001118 Clearance No.: FTDI#424
Table of Contents
1
Typical Applications...................................................................... 2
1.1
Driver Support .................................................................................... 2
1.2
Part Numbers...................................................................................... 2
1.3
USB Compliant .................................................................................... 2
2
Block Diagram .............................................................................. 3
3
Device Pin Out and Signal Description.......................................... 5
3.1
Device Pin Out .................................................................................... 5
3.2
Device Pin Out Signal Description ....................................................... 6
4
Function Description..................................................................... 9
4.1
Key Features and Function Description............................................... 9
4.2
Multi-Channel FIFO mode Protocols.................................................. 11
4.3
245 Synchronous FIFO mode Protocols ............................................ 13
4.4
FIFO Bus AC timing........................................................................... 15
5
Devices Characteristics and Ratings ........................................... 16
5.1
Absolute Maximum Ratings............................................................... 16
5.2
ESD and Latch-up Specifications....................................................... 16
5.3
DC Characteristics............................................................................. 17
5.3.1 DC Characteristics (Ambient Temperature = -40°C to +85°C) .................17
5.3.2 DC Characteristics for I/O Interface......................................................18
6
USB Power Configurations.......................................................... 19
6.1
USB Bus-Powered Configuration ...................................................... 19
6.2
Self-Powered Configuration .............................................................. 20
7
Application Example ................................................................... 21
7.1
FT600/FT601 Connect to FIFO Master Interface............................... 21
8
Package Parameters................................................................... 22
8.1
QFN-56 Package Mechanical Dimensions .......................................... 22
8.2
QFN-56 Package Markings ................................................................ 23
8.3
QFN-76 Package Mechanical Dimensions .......................................... 24
8.4
QFN-76 Package Markings ................................................................ 25
Appendix A – List of Figures and Tables .................................................... 27
Appendix B – References ........................................................................... 28
Appendix C – Revision History ................................................................... 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com