Electronic Components Datasheet Search
  English  ▼

X  

FT600 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT600
Description  The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT600 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Copyright © 2015 Future Technology Devices International Limited
9
DS_FT600Q-FT601Q IC Datasheet/FT601 USB 3.0 to FIFO Bridge
Version 1.01
Document No.: FT_001118 Clearance No.: FTDI#424
4 Function Description
FT60x is a high performance USB 3.0-to-FIFO interface bridge chip. This device can be used in those
applications which require high data throughput such as imaging devices and Multi-Channel FIFO ADC or
DAC devices etc.
The FIFO interface can support multi-voltage I/O (1.8V, 2.5V, 3.3V) and operating frequencies of
66.67MHz or 100MHz. 100MHz only for 2.5V and 3.3V.
There are 2 different proprietary synchronous bus protocols supported; one FIFO bus protocol is called
the “Multi-Channel FIFO” bus protocol and the other is the “245 Synchronous FIFO” bus protocol. The
latter being an extension of the interface introduced in the FT232H/FT2232H devices.
4.1 Key Features and Function Description
Functional Integration.
The following features are integral to the IC design: FIFO protocol management, USB 3.0 controller,
USB3.0 and USB2.0 PHYs, GPIOs, power management, clock generation, power-on-reset (POR) and LDO
regulator.
USB 3.0 Protocol Controller.
The USB 3.0 Protocol Controller manages the data stream from the device USB control endpoint. It
handles the USB protocol requests generated by the USB host controller and the commands for
controlling the functional parameters of the FIFO in accordance with the USB 3.0 specification.
FIFO Management.
This unit is used to manage all PIPE data or buffers in the FIFO memory; the data is sent or received
through the FIFO protocol layer. Through this block the FIFO memory can be allocated to each PIPE with
any size of memory as long as the total memory allocated to all PIPEs does not exceed the maximum
FIFO memory size which is 16kB. Additionally, the FIFO signals have a configurable high drive strength
capability and can be set to 18Ω, 25Ω, 35Ω and 50Ω.
Multi-Channel FIFO Bus protocol.
The multi-Channel FIFO bus is a slave bus and is designed to handle Multi-Channel FIFO connectivity. The
bus protocol supports a total of 8 channels (4 INs and 4 OUTs). CLK is the clock output to the FIFO bus
master.
245 Synchronous FIFO Bus protocol.
The 245 Synchronous FIFO bus is a slave bus with one IN and one OUT FIFO channel supported by this
bus protocol. CLK is the clock output to the FIFO bus master.
FIFO Bus Clock Options.
The device provides 2 FIFO bus clock frequency options: 66.67MHz and 100MHz.
FIFO RX/TX Buffer (16k bytes).
Data sent from the USB host controller to the FIFO via the USB data OUT endpoint is stored in the FIFO
RX (receive) buffer and is removed from the buffer by reading the contents of the FIFO using the RD#
pin. (RX relative to the USB interface).
Data written into the FIFO using the WR pin is stored in the FIFO TX (transmit) Buffer. The USB host
controller removes data from the FIFO TX Buffer by sending a USB request for data from the device data
IN endpoint. (TX relative to the USB interface).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com