Electronic Components Datasheet Search
  English  ▼

X  

FT600 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT600
Description  The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT600 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Copyright © 2015 Future Technology Devices International Limited
1
DS_FT600Q-FT601Q IC Datasheet/FT601 USB 3.0 to FIFO Bridge
Version 1.01
Document No.: FT_001118 Clearance No.: FTDI#424
Future Technology
Devices International
Ltd.
FT600/FT601
(USB 3.0 to FIFO Bridge)
The FT600/FT601 is a USB 3.0 to
FIFO interface bridge chip with the
following advanced features:
Supports USB 3.0 Super Speed (5Gbps)/USB
2.0 High Speed (480Mbps)/USB 2.0 Full
Speed (12Mbps) transfer.
Supported USB Transfer Type:
Control/Bulk/Interrupt
Up to 8 configurable endpoints (PIPEs).
Supports 2 parallel slave FIFO bus protocols
245 and FIFO mode, FT601 with 32 bit
parallel interface has a data bursting rate up
to 400MB/s.
Supports 4 IN channels and 4 OUT channels
on FIFO bus connectivity.
Built-in 16kB FIFO data buffer RAM.
Supports Remote Wakeup capability.
Supports multi voltage I/O: 1.8V, 2.5V and 3.3V.
Configurable GPIO support.
Internal LDO 1.0V regulator.
Integrated power-on-reset circuit.
User programmable USB descriptors.
Supports Battery Charging spec. BC1.2.
Available as FT600-16bit/FT601-32bit FIFO interface.
Industrial operating temperature range: -40 to 85⁰C.
Available in compact Pb-free QFN-76(32bit) and QFN-
56(16bit) packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park,
Glasgow G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT600

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FT600 MACOM-FT600 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
FT600-0500 MACOM-FT600-0500 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
FT600-0500 MACOM-FT600-0500 Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
FT600-0500-2 MACOM-FT600-0500-2 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
FT600-1250 MACOM-FT600-1250 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
More results

Similar Description - FT600

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
The Stratix II family offers the following features
logo
Future Technology Devic...
FT221X FTDI-FT221X Datasheet
984Kb / 45P
The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
The FT232B is a USB to serial UART interface with the following advanced features
FT234XD FTDI-FT234XD Datasheet
695Kb / 37P
The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
FT240X FTDI-FT240X Datasheet
754Kb / 40P
The FT240X is a USB to parallel FIFO interface with the following advanced features
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
The Split Operation has the following features:
logo
Future Technology Devic...
FT600Q-B-T FTDI-FT600Q-B-T Datasheet
1Mb / 33P
USB 3.0 to FIFO Bridge
FT602Q-T FTDI-FT602Q-T Datasheet
1Mb / 28P
FIFO to USB 3.0 UVC Bridge
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com