Electronic Components Datasheet Search
  English  ▼

X  

FT600 Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT600
Description  The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600 Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT600 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Copyright © 2015 Future Technology Devices International Limited
24
DS_FT600Q-FT601Q IC Datasheet/FT601 USB 3.0 to FIFO Bridge
Version 1.01
Document No.: FT_001118 Clearance No.: FTDI#424
8.3 QFN-76 Package Mechanical Dimensions
Figure 8.3 QFN-76 Package Dimensions
The FT601Q is supplied in a RoHS compliant leadless QFN-76 package. The package is lead ( Pb ) free,
and uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 9.0mm x 9.0mm body. The solder pads are on a 0.40mm pitch. The above
mechanical drawing shows the QFN-76 package.
The centre pad on the base of the FT601Q is internally connected to GND, the PCB should connect to
ground and not have signal tracking on the same layer as chip in this area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com