Electronic Components Datasheet Search
  English  ▼

X  

FT600 Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT600
Description  The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600 Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT600 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 14Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 15Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 16Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Copyright © 2015 Future Technology Devices International Limited
16
DS_FT600Q-FT601Q IC Datasheet/FT601 USB 3.0 to FIFO Bridge
Version 1.01
Document No.: FT_001118 Clearance No.: FTDI#424
5 Devices Characteristics and Ratings
5.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT60x devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Storage Temperature
-65°C to 150°C
Degrees C
Ambient Operating Temperature (Power Applied)
-40°C to 85°C
Degrees C
VCC33/VDDA Supply Voltage
-0.3 to +4.6
V
VCCIO Supply Voltage
-0.3 to +4.0
V
VD10 Core Supply Voltage
-0.5 to +1.4
V
AVDD PLL Supply Voltage
-0.5 to +1.4
V
IOs DC Input Voltage
-0.5 to +VCCIO+0.5
V
Table 5.1 Absolute Maximum Ratings
5.2 ESD and Latch-up Specifications
Description
Reference
Minimum
Typical
Maximum
Units
Human Body Mode
(HBM)
JEDEC EIA/JESD22- A114-
B, Class 2
-
±2kV
-
kV
Machine mode
(MM)
JEDEC EIA/JESD22- A115-
A, Class B
-
±200V
-
V
Charged Device Mode
(CDM)
JEDEC EIA/ JESD22-C101-
D, Class-III
-
±500V
-
V
Latch-up
JESD78, Trigger Class-II
-
±200mA
-
mA
Table 5.2 ESD and Latch-Up Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com