Electronic Components Datasheet Search
  English  ▼

X  

FT905 Datasheet(PDF) 23 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 23 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 27Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
23
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
4 Function Description
4.1 Architectural Overview
The FT905 series embedded microcontrollers includes a high performance 32-bit FT32 RISC
core processor and 256kB hi-speed Flash memory for software program download with One-
Wire debugger interface. The core processor uses a 32-bit I/O system bus to connect to all of
the peripherals.
USB2.0 host controller
USB2.0 peripheral controller
10/100Mbps Ethernet controller (FT905 and FT906 only)
Two CAN bus interfaces (FT905 and FT907 only)
Real Time Clock
One-Wire debugger interface
One SPI master interface and one SPI slave interface
One I2C bus interfaces
UART interface
Four timers and a 32-bit watchdog timer
PWM motor controller
10-bit DAC0/1 channel
10-bit ADC1-4 channel
General purpose I/O interface
The functions for each controller / interface are briefly described in the following subsections.
4.2 FT32 Core Processor
The FT32 core processor is running at frequencies of up to 100MHz.The processor contains the
CPU itself with control logic and its 256kB program memory and 64kB data memory. The
outside connections for the core processor are the memory-mapped I/O interface, the interrupt
interface, asynchronous reset and the system clock.
4.3 256kB Flash Memory
The internal 256kB Flash memory is used to store a boot loader or user application of the
FT905 series. It is a high performance and low power consumption memory that supports upto
80MHz serial clock. The system will perform memory copy from Flash memory to CPU program
memory automatically after system power on.
4.4 Boot Sequence
After the initial memory copy completes, the CPU jumps to program memory location zero.
This may be the start of the user application which is stored in advance in Flash memory, or a
boot loader only which allows program memory to perform modification via (e.g.) UART or
USB.
The option of a boot loader is a special purpose routine in the FT905 series embedded
microcontroller. It is small routine stored in the Flash memory. Typically the boot loader is 1-
4kbytes in size, and is loaded at the top of the available memory.
4.5 Interrupt
The FT905 series interrupt controller handles 32 interrupt inputs. When an interrupt occurs,
the Interrupt Service Route (ISR) will process this event via the CPU. The ISR vector range is
from 0 to 31, which corresponds to interrupts 0 to 31. See Table 4-1 information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com