Electronic Components Datasheet Search
  English  ▼

X  

FT905 Datasheet(PDF) 35 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 35 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 39Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
35
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
5.2 DC Characteristics
Electrical Characteristics (Ambient Temperature = -40°C to +85°C)
The typical values are obtained at room temperature (Tj = 25°C), VCC3V3 = 3.3V, and VCC1V2 = 1.2V.
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCCIO3V3
I/O operating supply
voltage
2.97
3.3
3.63
V
Normal Operation
Icc1
Power down current
-
700
-
uA
Power Down Mode
Icc2
Idle current
-
42
-
mA
Idle
Icc3
System operating
current*
-
75
-
mA
USB2.0 Host
controller high
speed data
transfer
-
75
-
mA
USB2.0 Peripheral
controller high
speed data
transfer
-
100
-
mA
10/100 Mbit/s
Ethernet transfer
data
-
50
-
mA
ADC / DAC
Operation
VOUT1
Internal LDO voltage
-
1.2
-
V
Normal Operation
Table 5-2 Operating Voltage and Current
Note*: The system operating typical current measured based on each function implements normal
operation with FT32 core active, and other peripherals keep idle status.
DC characteristics of I/O cells
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.4
-
-
V
|Ioh|=2mA~16mA
Vol
Output Voltage Low
-
-
0.4
V
|Iol|=2mA~16mA
Vopu*
Output pull-up
Voltage for 5V
tolerance I/Os
VCCIO3V
3-0.9
-
-
V
|Ipu| = 1uA
Vih
Input High Voltage
2.0
-
-
V
LVTTL
Vil
Input Low Voltage
-
-
0.8
V
LVTTL
Vth
Schmitt trigger
positive threshold
Voltage
-
1.6
2.0
V
LVTTL
Vtl
Schmitt-trigger
0.8
1.1
-
V
LVTTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com